Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25Q40-100WIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN25Q40-100WIP
Description  4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25Q40-100WIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN25Q40-100WIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25Q40-100WIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN25Q40
Rev. C, Issue Date: 2009/10/13
MEMORY ORGANIZATION
The memory is organized as:
524,288 bytes
Uniform Sector Architecture
8 blocks of 64-Kbyte
128 sectors of 4-Kbyte
2048 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.
Table 2. Uniform Block Sector Architecture (Continued)
Block
Sector
Address range
127
07F000h
07FFFFh
7
112
070000h
070FFFh
111
06F000h
06FFFFh
6
96
060000h
060FFFh
95
05F000h
05FFFFh
5
80
050000h
050FFFh
79
04F000h
04FFFFh
4
64
040000h
040FFFh
63
03F000h
03FFFFh
3
48
030000h
030FFFh
47
02F000h
02FFFFh
2
32
020000h
020FFFh
31
01F000h
01FFFFh
1
16
010000h
010FFFh
15
00F000h
00FFFFh
4
004000h
004FFFh
3
003000h
003FFFh
2
002000h
002FFFh
1
001000h
001FFFh
0
0
000000h
000FFFh


Similar Part No. - EN25Q40-100WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q40-100WIP EON-EN25Q40-100WIP Datasheet
966Kb / 49P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25Q40-100WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40_11 Datasheet
966Kb / 49P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F40A EON-EN25F40A Datasheet
1Mb / 62P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40 Datasheet
594Kb / 37P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com