Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7907A-XXJIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP7907A-XXJIR1
Description  600mA Low Noise High PSRR Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7907A-XXJIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP7907A-XXJIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7907A-XXJIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EUP7907A
DS7907A Ver 1.1 Mar. 2009
1
600mA Low Noise High PSRR
Low Dropout Linear Regulator
DESCRIPTION
The EUP7907A is a high current, low dropout linear
regulator with fast transient response and high PSRR. It
offers high output accuracy, extremely low dropout voltage,
low quiescent current and fast start-up time.
The EUP7907A is designed to work with low-ESR ceramic
capacitor, reducing the amount of the PCB area necessary for
power applications. Only a 2.2uF ceramic capacitor can
make the device stable over the whole load range.
The EUP7907A monitors the input voltage for power on
reset to ensure the regulator is disabled when the input
voltage is not high enough for normal operation. When
EUP7907A detects fault signal, such as over-temperature, it
will turn off the pass transistor and discharge VOUT to GND
from the internal resistor.
EUP7907A only can be operated in fixed mode, the pre-set
valve is from 1.2V~3.6V. By setting the capacitor connected
to BYPASS pin can get high PSRR. Other key features
include over-current protection, thermal shutdown. The
device can be available in the TDFN-6 and SOT23-5
package.
FEATURES
2.5V to 5.5V Input Voltage Range
300mV@600mA Dropout Voltage
Excellent Transient Response
Stable with 2.2uF Ceramic Output Capacitor
70dB PSRR at 1kHz
Low 120µA Quiescent Current
Low Shutdown Current:<1µA
Output Current Limit
Output Voltage With High Accuracy:
2% Initial Accuracy
Fixed Output Voltage: 1.2V ~ 3.6V
Thermal Shutdown
COUT Auto-Discharge when Shutdown
RoHS Compliant and 100% Lead (Fb)-Free
APPLICATIONS
Cellular Phones
Bluetooth portable radios and Accessories
battery-Powered Equipment
Laptop, Palmtops, Notebook Compute
Typical Application Circuit
Figure. 1 Fixed Output


Similar Part No. - EUP7907A-XXJIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-12VIR1 EUTECH-EUP7907-12VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-15VIR1 EUTECH-EUP7907-15VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18JIR1 EUTECH-EUP7907-18JIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
EUP7907-18VIR1 EUTECH-EUP7907-18VIR1 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7907A-XXJIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907 EUTECH-EUP7907 Datasheet
477Kb / 13P
   600mA High PSRR Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
logo
Texas Instruments
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com