Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP8084-42-18JIR1 Datasheet(PDF) 9 Page - Eutech Microelectronics Inc

Part # EUP8084-42-18JIR1
Description  Complete Linear Battery Charger with Integrated Buck Converter and LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8084-42-18JIR1 Datasheet(HTML) 9 Page - Eutech Microelectronics Inc

Back Button EUP8084-42-18JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 13Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
EUP8084
DS8084 Ver1.0 Apr. 2008
9
Typical Operating Characteristics-Battery Charge
4.0
4.5
5.0
5.5
6.0
3.90
3.95
4.00
4.05
4.10
4.15
4.20
4.25
Battery Regulation (Float) Voltage vs Supply Voltage
INPUT VOLTAGE(V)
0
25
50
75
100
125
150
175
200
0.0
0.2
0.4
0.6
0.8
1.0
R
ISET
= 2k
ISET Pin Voltages vs Charge Current
CHARGE CURRENT (mA)
0
50
100
150
200
4.13
4.14
4.15
4.16
4.17
4.18
4.19
4.20
4.21
R
ISET
= 2k
Battery Regulation (Float) Voltage vs Charge Current
CHARGE CURRENT (mA)
-40
-20
0
20
406080
4.160
4.165
4.170
4.175
4.180
4.185
4.190
4.195
4.200
4.205
4.210
Battery Regulation(Float) Voltage vs Temperature
TEMPERATURE (
oC)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
0
50
100
150
200
250
VBAT RISING
PRECONDITIONING CHARGE
R
ISET
= 2k
Charge Current vs Battery Current
BATTERY VOLTAGE (V)
-25
0
25
50
75
100
125
0
50
100
150
200
250
THERMAL CONTROL
LOOP IN OPERATION
ADP= 6V
VBAT = 3V
R
ISET
=2k
Charge Current vs Temperature
with Thermal Regulation(Constant-Current Mode)
TEMPERATURE (
oC)


Similar Part No. - EUP8084-42-18JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
EUP8086JIR1 EUTECH-EUP8086JIR1 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
More results

Similar Description - EUP8084-42-18JIR1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
   Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
logo
Linear Technology
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1_15 Datasheet
300Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3559-1 LINER-LTC3559-1_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
logo
Monolithic Power System...
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
   28V, 1A Li Linear Battery Charger with Timer and LDO Mode
logo
Linear Technology
LTC3559 LINER-LTC3559_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com