Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP8084-42-18JIR1 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP8084-42-18JIR1
Description  Complete Linear Battery Charger with Integrated Buck Converter and LDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP8084-42-18JIR1 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP8084-42-18JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP8084-42-18JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
EUP8084
DS8084 Ver1.0 Apr. 2008
6
Electrical Characteristics (VINB=3.6V; TA = -40℃ to 85℃, unless otherwise noted. Typical values are TA=25℃)
EUP8084
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Step-Down Converter
VEN(H)
Enable Threshold High
1.4
V
IEN
Input Low Current
VINB = VENB = 5.5V
-1
1
µA
Electrical Characteristics (VINA=VOUT(NOM) + 1V for VOUT options greater than 1.5V. IOUT = 1mA, COUT = 2.2µF,
CIN = 1µF, TA = -40℃ to 85℃, unless otherwise noted. Typical values are TA=25℃)
EUP8084
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Linear Regulator
VOUT
Output Voltage Tolerance
IOUTA = 100 µA to
300mA
TA = 25°C
-3
3
%
VIN
Input Voltage
VOUT +
VDO
5.5
V
VDO
Dropout Voltage
IOUTA = 300mA
150
200
mV
Δ
VOUT/
VOUT*ΔVIN
Line Regulation
VINA = VOUTA + 0.5 to 5.5V,
IOUTA = 1mA
0.05
0.2
%/V
Δ
VOUT(Load)
Dynamic Load Regulation
IOUTA = 1mA to 300mA
15
35
mV
IOUT
Output Current
VOUTA > 1.2V
300
mA
ISC
Short-Circuit Current
TA = -40℃ to 85℃
720
mA
IQ
Quiescent Current
VINA = 5V; ENA = VIN
84
140
µA
ISHDN
Shutdown Current
VINA = 5V; ENA = 0V
1
µA
PSRR
Power Supply Rejection Ratio
VIN =VOUT +1V
1kHz
65
dB
TSD
Over-Temperature Shutdown
Threshold
160
THYS
Over-Temperature Shutdown
Hysteresis
25
eN
Output Noise
IOUT=10mA,10Hz≦f≦100kHz
125
µVRMS
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.6
V
IEN
Enable Input Current
VENA = 5.5V
100
nA


Similar Part No. - EUP8084-42-18JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
EUP8086JIR1 EUTECH-EUP8086JIR1 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
More results

Similar Description - EUP8084-42-18JIR1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
logo
STMicroelectronics
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
   Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
logo
Linear Technology
LTC3552-1 LINER-LTC3552-1 Datasheet
294Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552 Datasheet
326Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552 LINER-LTC3552_15 Datasheet
332Kb / 24P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3552-1 LINER-LTC3552-1_15 Datasheet
300Kb / 20P
   Standalone Linear Li-Ion Battery Charger and Dual Synchronous Buck Converter
LTC3559-1 LINER-LTC3559-1_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
logo
Monolithic Power System...
MP26058 MPS-MP26058 Datasheet
491Kb / 10P
   28V, 1A Li Linear Battery Charger with Timer and LDO Mode
logo
Linear Technology
LTC3559 LINER-LTC3559_15 Datasheet
312Kb / 24P
   Linear USB Battery Charger with Dual Buck Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com