Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7907-28JIR1 Datasheet(PDF) 11 Page - Eutech Microelectronics Inc

Part # EUP7907-28JIR1
Description  600mA High PSRR Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7907-28JIR1 Datasheet(HTML) 11 Page - Eutech Microelectronics Inc

Back Button EUP7907-28JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 10Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 11Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 12Page - Eutech Microelectronics Inc EUP7907-28JIR1 Datasheet HTML 13Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
EUP7907
DS7907 Ver 1.1 Oct . 2008
11
(
)
Q
IN
OUT
OUT
IN
D
I
V
I
V
V
P
×
+
×
=
W
455
.
0
220
)
C
25
C
125
(
P
)
MAX
(
D
=
°
°
=
W
667
.
1
60
)
C
25
C
125
(
P
)
MAX
(
D
=
°
°
=
JA
A
)
MAX
(
J
)
MAX
(
D
)
T
T
(
P
θ
=
Application Information
Resistors Select
Choose R2=100k to optimize accuracy, power supply
rejection, noise and power consumption. And the R1 can
be chosen by:
OUT
12
REF
V
RR (
1)
V
=−
(EQ. 2)
where VREF is the internal reference voltage, which is
0.8V in EUP7907.
External Capacitor
Like other low-dropout regulator, the EUP7907 requires
external capacitors for stability. It is specifically
designed for low-ESR capacitors requiring minimum
PCB area and smallest components.
Input Capacitor
A 2.2uF capacitor is required between the VIN pin and
the GND pin. Place it as close as possible to the device.
There are no requirements for the ESR on the input
capacitor, but the tolerance and temperature coefficient
must be considered when selecting the capacitor to
ensure the capacitance will be 2.2uF over the whole
operating temperature range.
Output Capacitor
The EUP7907 is designed specifically to work with very
small ceramic output capacitors. A 2.2uF to 10uF with
5mΩ to 500mΩ ESR range is suitable in the EUP7907
application circuit. The ESR of a typical 2.2uF ceramic
capacitor is about 20mΩ, which easily meets the ESR
requirement for stability.
Capacitor Characteristics
More consideration should be taken when selecting the
capacitor because its capacitance can vary with
temperature. The capacitor type X7R or X5R, which
operates over a temperature range of -40℃ to +85℃,
will only vary within ±15%. Some large value ceramic
capacitors are manufactured with Z5U or T5V
temperature characteristics. Their capacitance can drop
by more than 50% as the temperature goes from 25℃ to
85℃. Therefore the capacitor type X7R or X5R is
recommended in applications where the ambient
temperature will change significantly above or below
25℃.
No Load Stability
The EUP7907 will remains stable and in regulation with
no external load. This is special important in CMOS
RAM keep-alive applications.
Thermal Considerations
Thermal
protection
limits
power
dissipation
in
EUP7907.When the operation junction temperature
exceeds 170°C, the OTP circuit starts the thermal
shutdown function and turns the pass element off. The
pass element turn on again after the junction temperature
cools by 30°C.
For continuous operation, do not exceed absolute
maximum operation junction temperature 125°C. The
power dissipation definition in device is:
(EQ.3)
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient. The maximum power dissipation can
be calculated by following formula :
(EQ.4)
Where TJ(MAX) is the maximum operation junction
temperature 125°C, TA is the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
EUP7907, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the operated
ambient temperature. The junction to ambient thermal
resistance θJA is layout dependent. For SOT-23-5 package,
the thermal resistance θJA is 220°C/W on the standard
thermal test board. For TDFN-8 package, the thermal
resistance θJA is 60°C/W on the standard thermal test
board. The maximum power dissipation at TA = 25°C can
be calculated by following formula :
(EQ.5)
for SOT23-5 package
(EQ.6)
for TDFN-8 package
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA. For EUP7907 packages, the Figure 5 of
derating curves allows the designer to see the effect of
rising ambient temperature on the maximum power
allowed.
Figure 5.
Power Dissipation for EUP7907 Packages
The EUP7907 is available in two standard packages:
TDFN-8 and SOT23-5 packages.


Similar Part No. - EUP7907-28JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12JIR1 EUTECH-EUP7907A-12JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12VIR1 EUTECH-EUP7907A-12VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15JIR1 EUTECH-EUP7907A-15JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15VIR1 EUTECH-EUP7907A-15VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7907-28JIR1

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com