Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7907-28VIR1 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP7907-28VIR1
Description  600mA High PSRR Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7907-28VIR1 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP7907-28VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP7907-28VIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
EUP7907
DS7907 Ver 1.1 Oct . 2008
4
Ordering Information
Order Number
Package Type
Marking
Operating Temperature Range
EUP7907-12VIR1
SOT23-5
xxxxx
AC1T
-40 °C to +85°C
EUP7907-15VIR1
SOT23-5
xxxxx
AC1C
-40 °C to +85°C
EUP7907-18VIR1
SOT23-5
xxxxx
AC1D
-40 °C to +85°C
EUP7907-25VIR1
SOT23-5
xxxxx
AC1B
-40 °C to +85°C
EUP7907-28VIR1
SOT23-5
xxxxx
AC1E
-40 °C to +85°C
EUP7907-33VIR1
SOT23-5
xxxxx
AC1H
-40 °C to +85°C
EUP7907-XXVIR1
SOT23-5
xxxxx
xxxx
-40 °C to +85°C
EUP7907-18JIR1
TDFN-8
xxxxx
P7907
1D
-40 °C to +85°C
EUP7907-28JIR1
TDFN-8
xxxxx
P7907
1E
-40 °C to +85°C
EUP7907-33JIR1
TDFN-8
xxxxx
P7907
1H
-40 °C to +85°C
EUP7907-XXJIR1
TDFN-8
xxxxx
P7907
xx
-40 °C to +85°C
EUP7907 - □ □ □ □ □ □
Lead Free Code
1: Lead Free 0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
Package Type
V: SOT-23
J : TDFN-8
Output Voltage
12:1.2V
15:1.5V
18:1.8V
25:2.5V
28:2.8V
33:3.3V
XX: Voltage Options (0.8V~3.6V, 0.05V per step)
Note:Every EUP7907 version can operate at adjustable mode by connecting FB pin to an external resistor divider.


Similar Part No. - EUP7907-28VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12JIR1 EUTECH-EUP7907A-12JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-12VIR1 EUTECH-EUP7907A-12VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15JIR1 EUTECH-EUP7907A-15JIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
EUP7907A-15VIR1 EUTECH-EUP7907A-15VIR1 Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
More results

Similar Description - EUP7907-28VIR1

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8069 BELLING-BL8069 Datasheet
229Kb / 7P
   600mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com