Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP7182-25VIR1 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

Part # EUP7182-25VIR1
Description  50mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP7182-25VIR1 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUP7182-25VIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP7182-25VIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EUP7182
DS7182 Ver 1.0 Oct.2007
4
Absolute Maximum Ratings
VIN, VOUT, SHDN
V
, VCC, FAULT
V
------------------------------------------------------------ -0.3V to 6V
Fault Sink Current
---------------------------------------------------------------------------------
20mA
Storage Temperature Range -------------------------------------------------------------
-65°C to 160°C
Junction Temperature (TJ) ------------------------------------------------------------------------
150°C
Lead Temperature (10 sec.) -------------------------------------------------------------------------
260°C
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for VIN= VO +0.5V,
=VIN, CIN=COUT=1µF, CCC=10nF,
TJ =25°C. (Boldface limits apply for the operating temperature extremes: -40°C and 85°C)
EUP7182
Symbol
Parameter
Conditions
Min
Typ
Max.
Unit
VIN
Input Voltage
2.5
5.5
V
-2
+2
∆ VO
Output Voltage Tolerance
100µA
I
OUT 50mA
VIN=VO+0.5V,
-3
+3
% of
VOUT(NOM)
IO
Maximum Output Current
Average DC Current Rating
50
100
mA
ILIMIT Output Current Limit
75
100
mA
Supply Current
IOUT=0mA
110
200
µA
IQ
Shutdown Supply Current
VO =0V, SHDN =GND
0.06
1
µA
IOUT =1mA
1
VDO
Dropout Voltage
IOUT =50mA
110
160
mV
Line Regulation
IOUT = 1mA, (VO +0.5V) VI
5.5V
-0.1
0.05
0.1
%/V
∆ VO
Load Regulation
100µA
I
OUT 50mA
0.002
%/mA
en
Output Voltage Noise
IOUT =10mA, 10Hz f
100kHz
50
µVRMS
VIH,(VO+0.5V) VI 5.5V
2
SHDN
V
SHDN
Input Threshold
VIL,(VO+0.5V) VI 5.5V
0.4
V
SHDN
I
SHDN
Input Bias Current
SHDN
=GND or IN
0.1
100
nA
FAULT
Detection Voltage of the
VIN-to-VOUT Difference
(Apply for VOUT 2.5V and
IOUT 15mA)
IOUT =10mA
25
40
mV
FAULT
Detection Threshold of
the Output Voltgae
0.8
×V
OUT
V
FAULT
V
FAULT
Output Low Voltage
ISINK=2mA
0.13
0.25
V
FAULT
I
FAULT
Off-Leakage Current
FAULT
=3.6V, SHDN =0V
0.1
100
nA
TSD
Thermal Shutdown Temperature
160
Thermal Shutdown Hysteresis
20
°C
TON
Start-Up Time
VO at 90% of Final Value
80
µs
SHDN
V


Similar Part No. - EUP7182-25VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7180 EUTECH-EUP7180 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
EUP7180-15VIR1 EUTECH-EUP7180-15VIR1 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
EUP7180-23CIR1 EUTECH-EUP7180-23CIR1 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
EUP7180-23VIR1 EUTECH-EUP7180-23VIR1 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
EUP7180-25CIR1 EUTECH-EUP7180-25CIR1 Datasheet
789Kb / 11P
   1關A Quiescent Current, 150mA LDO Regulator
More results

Similar Description - EUP7182-25VIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7982 EUTECH-EUP7982 Datasheet
226Kb / 10P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator with Fault Indicator
logo
Semtech Corporation
SC2982 SEMTECH-SC2982 Datasheet
133Kb / 5P
   50mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
   REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
logo
Unisonic Technologies
LR1120 UTC-LR1120_15 Datasheet
155Kb / 4P
   LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
Texas Instruments
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6500B AITSEMI-A6500B Datasheet
1Mb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 500mA ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
REV1.0
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com