Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN56Q64-104HIP Datasheet(PDF) 45 Page - Eon Silicon Solution Inc.

Part # EN56Q64-104HIP
Description  64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN56Q64-104HIP Datasheet(HTML) 45 Page - Eon Silicon Solution Inc.

Back Button EN56Q64-104HIP Datasheet HTML 41Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 42Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 43Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 44Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 45Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 46Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 47Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 48Page - Eon Silicon Solution Inc. EN56Q64-104HIP Datasheet HTML 49Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
45
EN25Q64
Rev. E, Issue Date: 2009/10/19
Read Identification (RDID) (9Fh)
The Read Identification (RDID) instruction allows the 8-bit manufacturer identification to be read,
followed by two bytes of device identification. The device identification indicates the memory type in the
first byte , and the memory capacity of the device in the second byte .
Any Read Identification (RDID) instruction while an Erase or Program cycle is in progress, is not
decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) instruction
should not be issued while the device is in Deep Power down mode.
The device is first selected by driving Chip Select Low. Then, the 8-bit instruction code for the
instruction is shifted in. This is followed by the 24-bit device identification, stored in the memory, being
shifted out on Serial Data Output , each bit being shifted out during the falling edge of Serial Clock .
The instruction sequence is shown in Figure 29. The Read Identification (RDID) instruction is
terminated by driving Chip Select High at any time during data output.
When Chip Select is driven High, the device is put in the Standby Power mode. Once in the Standby
Power mode, the device waits to be selected, so that it can receive, decode and execute instructions.
The instruction sequence is shown in Figure 29.1 while using the Enable Quad I/O (EQIO) (38h) command.
Figure 29. Read Identification (RDID)


Similar Part No. - EN56Q64-104HIP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN50081 ETC2-EN50081 Datasheet
210Kb / 2P
   TEMPERATURE TRANSMITTER
EN50082 ETC2-EN50082 Datasheet
210Kb / 2P
   TEMPERATURE TRANSMITTER
logo
Omron Electronics LLC
EN50082-1 OMRON-EN50082-1 Datasheet
1Mb / 34P
   Contact Displacement Sensors
logo
List of Unclassifed Man...
EN50121-3-2 ETC2-EN50121-3-2 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
EN50155 ETC2-EN50155 Datasheet
611Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
More results

Similar Description - EN56Q64-104HIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q64 EON-EN25Q64_11 Datasheet
1Mb / 60P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH64 EON-EN25QH64 Datasheet
1Mb / 65P
   64 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com