Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP3420 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP3420
Description  2A/1.5MHz, Synchronous Step-Down Converter with Soft Start
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3420 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

Back Button EUP3420 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 9Page - Eutech Microelectronics Inc EUP3420 Datasheet HTML 10Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
EUP3420
DS3420 Ver1.2 Mar. 2009
6
Typical Operating Characteristics (continued)


Similar Part No. - EUP3420

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
EUP3423 EUTECH-EUP3423 Datasheet
89Kb / 1P
   3.2A, Synchronous Step-Down Converter
EUP3425 EUTECH-EUP3425 Datasheet
250Kb / 2P
   5A, 1MHz Synchronous Step-Down Converter
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3427 EUTECH-EUP3427 Datasheet
201Kb / 2P
   4A, Synchronous Step-Down Converter
More results

Similar Description - EUP3420

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
   1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3408 EUTECH-EUP3408 Datasheet
716Kb / 11P
   1.5MHz, 800mA Synchronous Step-Down Converter with Soft Start
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
   1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
   1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
logo
Lowpower Semiconductor ...
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
   1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
   1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Shenzhen Huazhimei Semi...
HM3420S HMSEMI-HM3420S Datasheet
859Kb / 10P
   1.5MHz, 2A Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05208 UTC-UD05208 Datasheet
242Kb / 5P
   1.5MHz, 2A, V SYNCHRONOUS STEP-DOWN CONVERTER
logo
Princeton Technology Co...
RS8407 PTC-RS8407 Datasheet
332Kb / 4P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
RS8408 PTC-RS8408 Datasheet
239Kb / 3P
   1.5MHz, 2A, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com