Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2595 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUP2595
Description  32V Step-Up Converters for Two to Nine White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2595 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUP2595 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 8Page - Eutech Microelectronics Inc EUP2595 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EUP2595
DS2595 Ver1.1 Aug. 2008
1
32V Step-Up Converters
for Two to Nine White LEDs
DESCRIPTION
The EUP2595 is a constant current step-up converter
specially designed for driving white LEDs. The step-up
converter topology allows series connection of the
white LEDs so the LED currents are identical for
uniform brightness. The EUP2595 can drive 9 LEDs in
series. The brightness of the LEDs can be adjusted
through a voltage level on the CTRL pin or by
applying a PWM signal to CRTL pin.
1MHz current-mode, pulse-width modulated (PWM)
operation allows for small input and output capacitors
and a small inductor while minimizing ripple on the
input
supply/battery.
Programmable
soft-start
eliminates inrush current during startup.
The EUP2595 is available in a space-saving, 8-pin
3mm x 3mm TDFN package.
Typical Application Circuit
FEATURES
2.6V to 5.5V Input Range
32V (max) Output with Overvoltage Protection
Up to 90% Efficiency
Flexible Analog or PWM Dimming Control
Internal High Power MOSFET Switch
< 1µA shutdown Current
Fast 1MHz PWM Operation
Small, Low-Profile Inductors and Capacitors
3mm
× 3mm TDFN-8 Package
RoHS Compliant and 100% Lead (Pb)-Free
APPLICATIONS
Cell Phones and Smart Phones
PDAs, Palmtops, and Wireless Handhelds
e-Books and Subnotebooks
White LED Display Backlighting
Figure 1. Typical Application Circuit


Similar Part No. - EUP2595

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
More results

Similar Description - EUP2595

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
   26V Step-Up Converters for Two to Six White LEDs
logo
Maxim Integrated Produc...
MAX1561 MAXIM-MAX1561 Datasheet
245Kb / 10P
   High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
19-2731; Rev 1; 10/03
MAX8595Z MAXIM-MAX8595Z Datasheet
197Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
Rev 0; 8/04
MAX8595Z MAXIM-MAX8595Z_V01 Datasheet
624Kb / 8P
   High-Efficiency, 32V Step-Up Converters with TA Derating Option for 2 to 8 White LEDs
2005
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com