Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUP2518 Datasheet(PDF) 6 Page - Eutech Microelectronics Inc

Part # EUP2518
Description  White LED Step-Up Converter In TSOT-23 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP2518 Datasheet(HTML) 6 Page - Eutech Microelectronics Inc

  EUP2518 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 2Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 3Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 4Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 5Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 6Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 7Page - Eutech Microelectronics Inc EUP2518 Datasheet HTML 8Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EUP2518
DS2518
Ver1.0
Mar. 2008
6
Application Information
LED Current Control
The EUP2518 regulates the LED current by setting the
current sense resistor (RFB) connecting to feedback and
ground. The internal feedback reference voltage is
104mV. The LED current can be set from following
equation easily.
LED
I
104mV
FB
R
=
-------------------------------------(1)
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The table
for RFB selection is shown below.
RFB Resistor Value selection
ILED (mA)
RFB (Ω)
5
21
10
10.4
15
6.93
20
5.2
CAP and Inductor Selection
The recommended value of inductor for 2 to 6 WLEDs
applications are 10µH to 47µH. Small size and better
efficiency are the major concerns for portable device. A
22µH inductor with low DCR (Inductor resistance) is
recommended to improve efficiency. To avoid inductor
saturation current rating should be considered. A 1µF
ceramic capacitor is recommended for the input
capacitance in the real system, and a larger capacitor
will get smaller input voltage ripple. A 0.22uF output
ceramic capacitor is sufficient for most applications.
Dimming Control
a. Using a PWM Signal to EN Pin
For controlling the LED brightness, the EUP2518 can
perform the dimming control by applying a PWM
signal to EN pin. The internal soft-start and wide range
dimming frequency from 100Hz to 100KHz can
insignificantly reduce audio noise when dimming. The
average LED current is proportional to the PWM signal
duty cycle. The magnitude of the PWM signal should
be higher than the maximum enable voltage of EN pin,
in order to let the dimming control perform correctly.
Figure 3. PWM Dimming Control Using the EN Pin
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness is
a popular method in some applications. The dimming
control using a DC voltage circuit is shown in Figure 4.
According to the Superposition Theorem, as the DC
voltage increases, the voltage contributed to VFB
increases and the voltage drop on RFB decreases, i.e.
the LED current decreases. For example, if the VDC
range is from 0V to 2V, the selection of resistors in
Figure 4 sets dimming control of LED current from
20mA to 0mA.
Figure 4. Dimming Control Using a DC Voltage
c. Using a Filtered PWM signal
Another common application is using a filtered PWM
signal as an adjustable DC voltage for LED dimming
control. A filtered PWM signal acts as the DC voltage
to regulate the output current. In this circuit, the output
ripple depends on the frequency of PWM signal. For
smaller
output
voltage
ripple
(<100mV),
the
recommended frequency of 2V PWM signal should be
above 2kHz. To fix the frequency of PWM signal and
change the duty cycle of PWM signal can get different
output current. According to the application circuit of
Figure 5, output current is from 20.5mA to 5.5mA by
adjusting the PWM duty cycle from 10% to 90%.
Figure 5. Filtered PWM Signal for LED Dimming
Control


Similar Part No. - EUP2518

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2512 EUTECH-EUP2512 Datasheet
181Kb / 2P
   Dual Channel DC-DC Converter for AMOLED
More results

Similar Description - EUP2518

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2571 EUTECH-EUP2571 Datasheet
370Kb / 14P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2539 EUTECH-EUP2539 Datasheet
236Kb / 11P
   10 White LED Boost Converter In Thin TSOT-23 Package
EUP2584 EUTECH-EUP2584 Datasheet
374Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
EUP2584A EUTECH-EUP2584A Datasheet
425Kb / 11P
   White LED Step-Up Converter In Tiny SOT-23 Package
logo
Richtek Technology Corp...
RT9271 RICHTEK-RT9271 Datasheet
339Kb / 15P
   White LED Step-Up Converter in Tiny Package
logo
Fitipower Integrated Te...
FP6737 FITIPOWER-FP6737 Datasheet
541Kb / 12P
   Built-In OVP White LED Step-Up Converter in Tiny Package
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
logo
Maxim Integrated Produc...
MAX1848 MAXIM-MAX1848 Datasheet
323Kb / 9P
   White LED Step-Up Converter in SOT23
19-2028; Rev 1; 9/02
logo
Analog Intergrations Co...
AIC1647 AIC-AIC1647 Datasheet
413Kb / 11P
   WHITE LED STEP-UP CONVERTER IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com