Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EUA4996JIR1 Datasheet(PDF) 1 Page - Eutech Microelectronics Inc

Part # EUA4996JIR1
Description  2.8-W Stereo Fully Differential Audio Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA4996JIR1 Datasheet(HTML) 1 Page - Eutech Microelectronics Inc

  EUA4996JIR1 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA4996JIR1 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EUA4996
DS4996 Ver0.1 July 2008
1
2.8-W Stereo Fully Differential
Audio Power Amplifier
DESCRIPTION
The EUA4996 is a stereo fully-differential audio
amplifier, capable of delivering 2.8W/channel of
continuous output power to a 3Ω load with 10% THD+N
from a 5V power supply.
The EUA4996 features independent shutdown control
for each channel. The feedback resistors are internal,
allowing the gain to be set with only two input resistors
per channel. High PSRR and fully differential
architecture provide increased immunity to noise and RF
rectification, and a fast startup time with minimal pop,
making the EUA4996 idea for notebook PC, smart
phone applications.
Typical Application Circuit
FEATURES
Output Power
- 2.8W/Ch Into 3Ω at 5V, THD=10% (Typ.)
- 1.99W/Ch Into 4Ω at 5V, THD=1% (Typ.)
- 1.27W/Ch Into 8Ω at 5V, THD=1% (Typ.)
Wide Supply Voltage: 2.5V to 5.5V
Independent Shutdown Control for Each Channel
High PSRR : 86dB
Fast 23ms Startup Time with Minimal POP
Low 8mA Quiescent Current at 5V Supply and 1µA
Shutdown Current
Thermal Protection
4mm
× 4mm TQFN-16 Package
RoHS Compliant and 100% Lead(Pb)-Free
APPLICATIONS
Notebook PCs
Smart Phones
Figure 1.


Similar Part No. - EUA4996JIR1

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUA4990 EUTECH-EUA4990 Datasheet
388Kb / 12P
   1.36 Watt Audio Power Amplifier
EUA4990HIR1 EUTECH-EUA4990HIR1 Datasheet
388Kb / 12P
   1.36 Watt Audio Power Amplifier
EUA4992 EUTECH-EUA4992 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
EUA4992JIR1 EUTECH-EUA4992JIR1 Datasheet
199Kb / 6P
   2W Stereo Audio Power Amplifier
More results

Similar Description - EUA4996JIR1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6020A2 TI-TPA6020A2 Datasheet
1Mb / 25P
[Old version datasheet]   2.8-W STEREO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2037 ANPEC-APA2037_09 Datasheet
501Kb / 24P
   3W Stereo Fully Differential Audio Power Amplifier
APA2037 ANPEC-APA2037 Datasheet
463Kb / 23P
   3W Stereo Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com