Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39LV010-70JIP Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN39LV010-70JIP
Description  1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39LV010-70JIP Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN39LV010-70JIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39LV010-70JIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
1
EN39LV010
Rev. B, Issue Date: 2009/03/16
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt read and write
operations for battery-powered applications.
- Regulated voltage range: 3.0-3.6 volt read
and write operations for high performance
3.3 volt microprocessors.
• High performance
- Full voltage range: access times as fast as 70
ns
- Regulated voltage range: access times as fast
as 45ns
• Low power consumption (typical values at 5
MHz)
- 7 mA typical active read current
- 15 mA typical program/erase current
- 1
µA typical standby current (standard access
time to active mode)
• Flexible Sector Architecture:
- Thirty-two 4 Kbyte sectors
• Sector protection:
Hardware locking of sectors to prevent
program or erase operations within individual
sectors
• High performance program/erase speed
- Byte program time: 8µs typical
- Sector erase time: 90ms typical
• JEDEC Standard program and erase
commands
• JEDEC standard DATA polling and toggle bits
feature
• Single Sector and Chip Erase
• Embedded Erase and Program Algorithms
• Erase Suspend / Resume modes:
Read or program another Sector during
Erase Suspend Mode
• triple-metal double-poly triple-well CMOS Flash
Technology
• Low Vcc write inhibit < 2.5V
• Minimum 100K program/erase endurance
cycles
• Package options
- 4mm x 6mm 34-ball WFBGA
- 8mm x 14mm 32-pin TSOP (Type 1)
- 32-pin PLCC
• Industrial Temperature Range
GENERAL DESCRIPTION
The EN39LV010 is a 1-Megabit, electrically erasable, read/write non-volatile flash memory, organized
as 131,072 bytes. Any byte can be programmed typically in 8µs.The EN39LV010 features 3.0V
voltage read and write operation, with access times as fast as 45ns to eliminate the need for WAIT
states in high-performance microprocessor systems.
The EN39LV010 has separate Output Enable ( OE ), Chip Enable ( CE ), and Write Enable (WE)
controls, which eliminate bus contention issues. This device is designed to allow either single Sector
or full chip erase operation, where each Sector can be individually protected against program/erase
operations or temporarily unprotected to erase or program. The device can sustain a minimum of
100K program/erase cycles on each Sector.
EN39LV010
1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector,
CMOS 3.0 Volt-only Flash Memory


Similar Part No. - EN39LV010-70JIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010-70JIP EON-EN39LV010-70JIP Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN39LV010-70JIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com