Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39LV010-45RJIP Datasheet(PDF) 8 Page - Eon Silicon Solution Inc.

Part # EN39LV010-45RJIP
Description  1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39LV010-45RJIP Datasheet(HTML) 8 Page - Eon Silicon Solution Inc.

Back Button EN39LV010-45RJIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN39LV010-45RJIP Datasheet HTML 12Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
8
EN39LV010
Rev. B, Issue Date: 2009/03/16
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data
protection against inadvertent writes as seen in the Command Definitions table. Additionally, the
following hardware data protection measures prevent accidental erasure or programming, which
might otherwise be caused by false system level signals during Vcc power up and power down
transitions, or from system noise.
Low VCC Write Inhibit
When Vcc is less than VLKO, the device does not accept any write cycles. This protects data during
Vcc power up and power down. The command register and all internal program/erase circuits are
disabled, and the device resets. Subsequent writes are ignored until Vcc is greater than VLKO. The
system must provide the proper signals to the control pins to prevent unintentional writes when Vcc is
greater than VLKO.
Write Pulse “Glitch” protection
Noise pulses of less than 5 ns (typical) on OE , CE or W E do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE = VIL, CE = VIH, or W E = VIH. To initiate a
write cycle, CE and W E must be a logical zero while OE is a logical one. If CE , W E , and OE are
all logical zero (not recommended usage), it will be considered a read.
Power-up Write Inhibit
During power-up, the device automatically resets to READ mode and locks out write cycles. Even
with CE = VIL, WE = VIL and OE = VIH, the device will not accept commands on the rising edge of
W E .


Similar Part No. - EN39LV010-45RJIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010-45RJIP EON-EN39LV010-45RJIP Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN39LV010-45RJIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C_06 Datasheet
1,009Kb / 49P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV033C AMD-AM29LV033C Datasheet
1,023Kb / 48P
   32 Megabit (4 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com