Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP5388QI-E Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EP5388QI-E
Description  800mA Synchronous Buck Regulator With Integrated Inductor 3mm x 3mm x 1.1mm Package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5388QI-E Datasheet(HTML) 4 Page - Enpirion, Inc.

  EP5388QI-E Datasheet HTML 1Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 2Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 3Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 4Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 5Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 6Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 7Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 8Page - Enpirion, Inc. EP5388QI-E Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
July 2008
EP5388QI
©Enpirion 2008 all rights reserved, E&OE
4
www.enpirion.com
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Voltage Range
VIN
2.4
5.5
V
Output Voltage Range
VOUT
0.603
VIN – 0.5
V
Output Current
IOUT
0
800
mA
Operating Ambient Temperature
TA
-40
+85
°C
Operating Junction Temperature
TJ
-40
+125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYP
UNITS
Thermal Resistance: Junction to Ambient (0 LFM)*
θJA
100
°C/W
Thermal Shutdown Trip Point
TJ-TP
+150
°C
Thermal Shutdown Trip Point Hysteresis
15
°C
* Based on a 2 oz. copper board and proper thermal design in line with JEDEC EIJ-JESD51 standards.
Electrical Characteristics
NOTE: VIN = 3.6V, CIN = 4.7µF 0603 MLCC, COUT = 47uF 1206 MLCC. TA = -40°C to +85°C unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Under-Voltage Lockout
VUVLO
VIN going low to high
2.2
2.3
V
UVLO Hysteresis
0.145
V
VOUT Initial Accuracy
∆VOUT_Initl
TA = 25C, 2.4V ≤ VIN ≤ 5.5V
-2
+2
%
Line Regulation
∆VOUT_linel
2.4V
≤ VIN ≤ 5.5V
0.06
%/V
Load Regulation
∆VOUT_load
0A
≤ ILOAD ≤ 800mA
0.0003
%/mA
Temperature Variation
∆VOUT_templ
-40°C
≤ TA ≤ +85°C
0.008
%/°C
Overall VOUT Accuracy
(Line, Load, and
Temperature combined)
∆VOUT_All
2.4V
≤ VIN ≤ 5.5V
-40°C
≤ TA ≤ +85°C
0A
≤ ILOAD ≤ 800mA
-3
+3
%
Dynamic Voltage Slew
Rate
Vslew
1.125
1.5
1.875
V/mS
Continuous Output
Current
IOUT
-20°C
≤ TA ≤ +85°C
-40°C
≤ TA ≤ +85°C
800
750
mA
Shut-Down Current
ISD
Enable = Low
0.75
µA
PFET OCP Threshold
ILIM
1000
mA
Feedback Pin Voltage
VFB
2.4V
≤ VIN ≤ 5.5V
-20°C
≤ TA ≤ +85°C
0A
≤ ILOAD ≤ 800mA
0.585
0.603
0.621
V
Feedback Pin Input
Current
IFB
10
nA
VS2-VS0 Threshold
VSX_TH
Pin = Low
Pin = High
0.0
1.4
0.4
VIN
V
VS2-VS0 Pin Input
Current
IVSX
1
nA
Enable Pin Voltage
Thresholds
VEN_TH
Pin = Low
Pin = High
0.0
1.4
0.2
VIN
V
Enable Pin Input Current
IEN
ENABLE = Vin = 3.6V
2
µA
Operating Frequency
FOSC
4
MHz
PFET On Resistance
RDS(ON)
340
m
NFET On Resistance
RDS(ON)
270
m
Dropout Resistance
RDROPOUT
450
m


Similar Part No. - EP5388QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results

Similar Description - EP5388QI-E

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4720 MICREL-MIC4720 Datasheet
1Mb / 21P
   3mm x 3mm 2.0MHz 2A Integrated Switch Buck Regulator
logo
Altera Corporation
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
logo
Micrel Semiconductor
MIC2208 MICREL-MIC2208_10 Datasheet
584Kb / 18P
   3mm x 3mm 1MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722_10 Datasheet
580Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
MIC2207 MICREL-MIC2207_10 Datasheet
572Kb / 18P
   3mm x 3mm 2MHz 3A PWM Buck Regulator
MIC4722 MICREL-MIC4722 Datasheet
572Kb / 20P
   3mm x 3mm 2.7MHz 3A PWM Buck Regulator
logo
Linear Technology
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
logo
Semtech Corporation
SC1564 SEMTECH-SC1564 Datasheet
445Kb / 11P
   Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
logo
Enpirion, Inc.
EP5352Q ENPIRION-EP5352Q Datasheet
339Kb / 16P
   500/600/800mA Synchronous Buck Regulators With Integrated Inductor
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com