Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP5358HUI Datasheet(PDF) 5 Page - Enpirion, Inc.

Part # EP5358HUI
Description  500mA Synchronous Buck Regulator with Integrated Inductor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EP5358HUI Datasheet(HTML) 5 Page - Enpirion, Inc.

  EP5358HUI Datasheet HTML 1Page - Enpirion, Inc. EP5358HUI Datasheet HTML 2Page - Enpirion, Inc. EP5358HUI Datasheet HTML 3Page - Enpirion, Inc. EP5358HUI Datasheet HTML 4Page - Enpirion, Inc. EP5358HUI Datasheet HTML 5Page - Enpirion, Inc. EP5358HUI Datasheet HTML 6Page - Enpirion, Inc. EP5358HUI Datasheet HTML 7Page - Enpirion, Inc. EP5358HUI Datasheet HTML 8Page - Enpirion, Inc. EP5358HUI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
03541
5/29/2009
Rev:A
EP5358LUI/EP5358HUI
©Enpirion 2009 all rights reserved, E&OE
5
www.enpirion.com
Typical Performance Characteristics
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
Efficiency vs. Load Current: VIN = 5.0V, VOUT (from
top to bottom) = 3.3, 2.5, 1.8, 1.2V
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
Efficiency vs. Load Current: VIN = 3.7V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
45
50
55
60
65
70
75
80
85
90
95
0
200
400
600
Load Current (mA)
Efficiency vs. Load Current: VIN = 3.3V, VOUT (from
top to bottom) = 2.5, 1.8, 1.2V
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 10mA
Start Up Waveform: VIN = 5.0V, VOUT = 3.3V;
ILOAD = 1000mA


Similar Part No. - EP5358HUI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP5358HUI ALTERA-EP5358HUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
More results

Similar Description - EP5358HUI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP5358XUI ALTERA-EP5358XUI Datasheet
757Kb / 16P
   600mA PowerSoC Synchronous Buck Regulator with Integrated Inductor
EP5388QI ALTERA-EP5388QI Datasheet
820Kb / 13P
   800mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com