Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S40-75GIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN25S40-75GIP
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40-75GIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN25S40-75GIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
9
EN25S40
Rev. A, Issue Date: 2009/04/28
INSTRUCTIONS
All instructions, addresses and data are shifted in and out of the device, most significant bit first. Serial
Data Input (DI) is sampled on the first rising edge of Serial Clock (CLK) after Chip Select (CS#) is
driven Low. Then, the one-byte instruction code must be shifted in to the device, most significant bit first,
on Serial Data Input (DI), each bit being latched on the rising edges of Serial Clock (CLK).
The instruction set is listed in Table 4. Every instruction sequence starts with a one-byte instruction
code. Depending on the instruction, this might be followed by address bytes, or by data bytes, or by
both or none. Chip Select (CS#) must be driven High after the last bit of the instruction sequence has
been shifted in. In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed
(Fast_Read), Read Status Register (RDSR) or Release from Deep Power-down, and Read Device ID
(RDI) instruction, the shifted-in instruction sequence is followed by a data-out sequence. Chip Select
(CS#) can be driven High after any bit of the data-out sequence is being shifted out.
In the case of a Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip Erase (CE), Write
Status Register (WRSR), Write Enable (WREN), Write Disable (WRDI) or Deep Power-down (DP)
instruction, Chip Select (CS#) must be driven High exactly at a byte boundary, otherwise the instruction
is rejected, and is not executed. That is, Chip Select (CS#) must driven High when the number of clock
pulses after Chip Select (CS#) being driven Low is an exact multiple of eight. For Page Program, if at
any time the input byte is not a full byte, nothing will happen and WEL will not be reset.
In the case of multi-byte commands of Page Program (PP), and Release from Deep Power Down
(RES ) minimum number of bytes specified has to be given, without which, the command will be
ignored.
In the case of Page Program, if the number of byte after the command is less than 4 (at least 1
data byte), it will be ignored too. In the case of SE and BE, exact 24-bit address is a must, any
less or more will cause the command to be ignored.
All attempts to access the memory array during a Write Status Register cycle, Program cycle or Erase
cycle are ignored, and the internal Write Status Register cycle, Program cycle or Erase cycle continues
unaffected.


Similar Part No. - EN25S40-75GIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40-75GIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com