Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S40-75GIP Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN25S40-75GIP
Description  4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S40-75GIP Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN25S40-75GIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S40-75GIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
4
EN25S40
Rev. A, Issue Date: 2009/04/28
SIGNAL DESCRIPTION
Serial Data Input, Output and IOs (DI, DO and DQ0, DQ1)
The EN25S40 support standard SPI and Dual SPI operation. Standard SPI instructions use the
unidirectional DI (input) pin to serially write instructions, addresses or data to the device on the rising
edge of the Serial Clock (CLK) input pin. Standard SPI also uses the unidirectional DO (output) to read
data or status from the device on the falling edge CLK.
Dual SPI instruction use the bidirectional IO pins to serially write instruction, addresses or data to the
device on the rising edge of CLK and read data or status from the device on the falling edge of CLK.
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See
SPI Mode")
Chip Select (CS#)
The SPI Chip Select (CS#) pin enables and disables device operation. When CS# is high the device is
deselected and the Serial Data Output (DO, or DQ0 and DQ1) pins are at high impedance. When
deselected, the devices power consumption will be at standby levels unless an internal erase, program
or status register cycle is in progress. When CS# is brought low the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the
device. After power-up, CS# must transition from high to low before a new instruction will be accepted.
HOLD (HOLD#)
The HOLD# pin allows the device to be paused while it is actively selected. When HOLD# is brought
low, while CS# is low, the DO pin will be at high impedance and signals on the DI and CLK pins will be
ignored (don’t care). The HOLD# function can be useful when multiple devices are sharing the same
SPI signals.
Write Protect (WP#)
The Write Protect (WP#) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (BP0, BP1and BP2) bits and Status Register
Protect (SRP) bits, a portion or the entire memory array can be hardware protected.


Similar Part No. - EN25S40-75GIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40-75GIP EON-EN25S40-75GIP Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S40-75GIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40A EON-EN25S40A Datasheet
1Mb / 68P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S64 EON-EN25S64 Datasheet
1Mb / 62P
   64 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80 EON-EN25S80 Datasheet
604Kb / 37P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com