Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN25S80-75WIP Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN25S80-75WIP
Description  8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25S80-75WIP Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN25S80-75WIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 14Page - Eon Silicon Solution Inc. EN25S80-75WIP Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
11
EN25S80
Rev. D, Issue Date: 2009/05/15
Table 4B. Instruction Set (Read Instruction)
Instruction Name
Byte 1
Code
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Read Data
03h
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next byte)
continuous
Fast Read
0Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(Next Byte)
continuous
Dual Output Fast
Read
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Dual I/O Fast Read
BBh
A23-A8(2)
A7-A0,
dummy (2)
(D7-D0, …) (1)
(one byte
per 4 clocks,
continuous)
Notes:
1. Dual Output data
DQ0 = (D6, D4, D2, D0)
DQ1 = (D7, D5, D3, D1)
2. Dual Input Address
DQ0 = A22, A20, A18, A16, A14, A12, A10, A8 ; A6, A4, A2, A0, dummy 6, dummy 4, dummy 2, dummy 0
DQ1 = A23, A21, A19, A17, A15, A13, A11, A9 ; A7, A5, A3, A1, dummy 7, dummy 5, dummy 3, dummy 1
Table 5. Manufacturer and Device Identification
OP Code
(M7-M0)
(ID15-ID0)
(ID7-ID0)
ABh
73h
90h
1Ch
73h
9Fh
1Ch
3814h


Similar Part No. - EN25S80-75WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80-75WIP EON-EN25S80-75WIP Datasheet
558Kb / 34P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25S80-75WIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25S80 EON-EN25S80_11 Datasheet
558Kb / 34P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S80A EON-EN25S80A Datasheet
1Mb / 66P
   8 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S10 EON-EN25S10 Datasheet
534Kb / 34P
   1 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
List of Unclassifed Man...
EN25S32A ETC1-EN25S32A Datasheet
1Mb / 89P
   32 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
logo
Eon Silicon Solution In...
EN25S20A EON-EN25S20A Datasheet
1Mb / 65P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S40 EON-EN25S40_11 Datasheet
546Kb / 34P
   4 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
   8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
   16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25S20 EON-EN25S20 Datasheet
564Kb / 34P
   2 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com