Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5395QI-E Datasheet(PDF) 9 Page - Enpirion, Inc.

Part # EN5395QI-E
Description  9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5395QI-E Datasheet(HTML) 9 Page - Enpirion, Inc.

Back Button EN5395QI-E Datasheet HTML 5Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 6Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 7Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 8Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 9Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 10Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 11Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 12Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 13Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
02392
11/12/2009
Rev:E
EN5395QI
Functional Description
The
EN5395QI
is
a
synchronous,
pin
programmable power supply with integrated
power
MOSFET
switches
and
integrated
inductor. The nominal input voltage range is
2.375-5.5V. The output can be set to common
pre-set voltages by connecting appropriate
combinations of 3 voltage selection pins to
ground. The feedback control loop is a type III
voltage-mode and the part uses a low-noise
PWM topology. Up to 9A of output current can
be drawn from this converter. The 5MHz
operating frequency enables the use of small-
size output capacitors.
9
The power supply has the following protection
features:
• Programmable over-current protection (to
protect the IC from excessive load current)
• Thermal shutdown with hysteresis.
• Over-voltage protection
• Under-voltage lockout circuit to disable the
converter output when the input voltage is
less than approximately 2.2V
Additional features include:
• Soft-start circuit, limiting the in-rush
current when the converter is powered up.
• Power good circuit indicating whether the
output voltage is within 90%-120% of the
programmed voltage.
Output Voltage Programming
The EN5395QI output voltage is programmed
using a 3-pin voltage-ID or VID selector. Three
binary VID pins allow the user to choose one of
seven pre-set voltages. Refer to table 1 for the
proper VID pin settings to program VOUT.
The voltage select pins, VS0, VS1, and VS2, are
pulled-up internally and so will default to a logic
high, or “1”, if left “open”. Connecting the voltage
select pin to ground will result in a logic “0”.
Table 1: Output Voltage Select Table
VS2*
VS1*
VS0*
Output Voltage
0
0
0
3.3V
0
0
1
2.5V
0
1
0
1.8V
0
1
1
1.5V
1
0
0
1.25V
1
0
1
1.2V
1
1
0
0.8V
1
1
1
Reserved
Input Capacitor Selection
The EN5395QI requires between 40-80uF of
input capacitance. Low ESR ceramic capacitors
are required with X5R or X7R rated dielectric
formulation.
Y5V or equivalent dielectric
formulations must not be used as these lose
capacitance with frequency, temperature and
bias voltage.
In some applications, lower value capacitors are
needed in parallel with the larger, capacitors in
order to provide high frequency decoupling.
Table 2. Recommended input capacitors.
Description
MFG
P/N
22uF, 10V,
X7R, 1210
Murata
GRM32ER71A226KE20L
Taiyo Yuden
LMK325B7226KM-T
47uF, 10V,
X5R, 1210
Murata
GRM32ER61A476KE20L
Taiyo Yuden
LMK325BJ476KM-T
Output Capacitor Selection
The EN5395QI has been optimized for use with
approximately 100µF of output capacitance. Low
ESR ceramic capacitors are required with X5R or
X7R rated dielectric formulation.
Y5V or
equivalent dielectric formulations must not be
used as these loose capacitance with frequency,
temperature and bias voltage.
©Enpirion 2009 all rights reserved, E&OE
www.enpirion.com


Similar Part No. - EN5395QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results

Similar Description - EN5395QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com