Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5395QI-E Datasheet(PDF) 7 Page - Enpirion, Inc.

Part # EN5395QI-E
Description  9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5395QI-E Datasheet(HTML) 7 Page - Enpirion, Inc.

Back Button EN5395QI-E Datasheet HTML 3Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 4Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 5Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 6Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 7Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 8Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 9Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 10Page - Enpirion, Inc. EN5395QI-E Datasheet HTML 11Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
02392
11/12/2009
Rev:E
EN5395QI
Typical Performance Characteristics
Circuit of Figure 1, VIN = 5 V, VOUT = 1.2 V and TA = 25°C, unless otherwise noted.
Efficiency (Vin = 5.0V)
50
55
60
65
70
75
80
85
90
95
024
6
8
1
Load (Amperes)
0
Efficiency (VIN =3.3V)
60
65
70
75
80
85
90
95
024
68
1
Load (Amperes)
0
Top to Bottom: VOUT = 2.5 V, 1.8 V, 1.5 V, 1.2 V, 0.8 V
Top to Bottom: VOUT = 3.3 V, 2.5 V, 1.8 V, 1.5 V, 1.2 V, 0.8 V
Ripple Voltage, 5.5VIN/1.2VOUT, IOUT=9A,
Ripple Voltage, 3.3VIN/1.2VOUT, IOUT=9A,
COUT = 5x22uF.
COUT = 5x22uF.
©Enpirion 2009 all rights reserved, E&OE
www.enpirion.com
7


Similar Part No. - EN5395QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results

Similar Description - EN5395QI-E

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN5365QI ENPIRION-EN5365QI Datasheet
831Kb / 17P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5394QI ENPIRION-EN5394QI Datasheet
430Kb / 19P
   Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com