Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68916CWQA Datasheet(PDF) 11 Page - Etron Technology, Inc.

Part # EM68916CWQA
Description  8M x 16 bit DDRII Synchronous DRAM (SDRAM)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68916CWQA Datasheet(HTML) 11 Page - Etron Technology, Inc.

Back Button EM68916CWQA Datasheet HTML 7Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 8Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 9Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 10Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 11Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 12Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 13Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 14Page - Etron Technology, Inc. EM68916CWQA Datasheet HTML 15Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
EtronTech
EM68916CWQA
Etron Confidential
11
Rev. 1.1
Apr. 2009
- EMR(2)
The extended mode register (2) controls refresh related features. The default value of the extended mode
register (2) is not defined, therefore the extended mode register (2) must be written after power-up for
proper operation. The extended mode register(2) is written by asserting LOW on CS#, RAS#, CAS#, WE#,
HIGH on BA1 and LOW on BA0, while controlling the states of address pins A0 ~ A12. The DDR2 SDRAM
should be in all bank precharge with CKE already HIGH prior to writing into the extended mode register (2).
The mode register set command cycle time (tMRD) must be satisfied to complete the write operation to the
extended mode register (2). Mode register contents can be changed using the same command and clock
cycle requirements during normal operation as long as all banks are in the precharge state.
Table 7. Extended Mode Resistor EMR (2) Bitmap
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0 Address Field
1
0
0
*1
SRF
0*1
DCC*4
PASR
*3
Extended Mode Register(2)
A7
High Temperature Self-Refresh Rate Enable
0
Disable
1
Enable
*2
BA1 BA0 MRS mode
A3
DCC Enable
*4
0
0
MR
0
Disable
0
1
EMR(1)
1
Enable
1
0
EMR(2)
1
1
EMR(3)
A2 A1 A0 Partial Array Self Refresh for 4 Banks
000 Full array
001 Half Array (BA[1:0]=00&01)
010 Quarter Array (BA[1:0]=00)
011 Not defined
100 3/4 array (BA[1:0]=01,10&11)
101 Half array (BA[1:0]=10&11)
110 Quarter array (BA[1:0]=11)
111 Not defined
NOTE 1:
The rest bits in EMRS(2) are reserved for future use and all bits in EMRS(2) except A0-A2, A7, BA0 and BA1
must be programmed to 0 when setting the extended mode register(2) during initialization.
NOTE 2:
Due to the migration nature, user needs to ensure the DRAM part supports higher than 85℃ Tcase temperature
self-refresh entry. If the high temperature self-refresh mode is supported then controller can set the EMRS2[A7] bit
to enable the self-refresh rate in case of higher than 85℃ temperature self-refresh operation.
NOTE 3:
If PASR (Partial Array Self Refresh) is enabled, data located in areas of the array beyond the specified location
will be lost if self refresh is entered. Data integrity will be maintained if tREF conditions are met and no Self Refresh
command is issued.
NOTE 4:
DCC (Duty Cycle Corrector) implemented, user may be given the controllability of DCC thru EMR (2) [A3] bit.


Similar Part No. - EM68916CWQA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68916DVAA ETRON-EM68916DVAA Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68916DVAA-6H ETRON-EM68916DVAA-6H Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
EM68916DVAA-75H ETRON-EM68916DVAA-75H Datasheet
326Kb / 40P
   8M x 16 Mobile DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM68916CWQA

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
EM68B16CWPA ETRON-EM68B16CWPA Datasheet
1Mb / 59P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C64M16D2-25BCN ALSC-AS4C64M16D2-25BCN Datasheet
1Mb / 58P
   1Gb (64M x 16 bit) DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com