Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3027IDSSO08B Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSSO08B
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSSO08B Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSSO08B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
10
www.emmicroelectronic.com
Notes and Settings:
- Only pages 0 to 7 are used. Unused pages are for test purposes. The application should not write into unused
pages and addresses.
- The crystal offset must be set to within ± 121 ppm.
- Zero values are read from unused addresses.
- Watch, Alarm, Timer pages have to be set by an application before use.
- The bit 7 (MSB) of the Alarm registers (SecEq, MinEq.) have to be set to ‘1’ to perform the comparison. (See
paragraph 8.3)
6
Definitions of terms in the memory mapping
Control Page - Register OnOffCtrl
Clk/Int
Selects if clock or interrupt is applied onto the IRQ/CLKOUT pin (’0’ = IRQ output; ’1’ = CLKOUT
output) – CLKOUT output is the default state after reset
TD0, TD1
Selects decrement rates for Timer (32 Hz after reset)
SROn
Enables Self-Recovery function (ON after reset)
EERefOn
Enables Configuration registers refresh each 1 hour (ON after reset)
TROn
Enables Timer Auto-reload mode (‘0’ – reload disabled; ‘1’ – reload enabled)
TiOn
Enables Timer (OFF after reset)
WaOn
Enables 1 Hz clock for Watch (ON after initialisation)
Control Page - Register IRQctrl
SRIntE
Self-Recovery interrupt enable
V2IntE
VLOW2 interrupt enable
V1IntE
VLOW1 interrupt enable
TIntE
Timer interrupt enable
AIntE
Alarm interrupt enable
Control Page - Register IRQflags
SRF
Self-Recovery interrupt flag (bit is set to ‘1’ when Self-Recovery reset is generated)
V2F
VLOW2 interrupt flag (bit is set to ‘1’ when power drops below Vlow2)
V1F
VLOW1 interrupt flag (bit is set to ‘1’ when power drops below Vlow1)
TF
Timer interrupt flag (bit is set to ‘1’ when Timer reaches ZERO)
AF
Alarm interrupt flag (bit is set to ‘1’ when Watch matches Alarm)
NOTE: Flags can be cleared by ‘0’ writing.
Control Page - Register Status
EEBusy
EEPROM is busy (bit is set to ‘1’ when EEPROM write or Configuration Registers refresh is in
progress) (Read Only)
PON
Power ON (bit is set to ‘1’ at Power On; clear by ‘0’ writing)
SR
Self-Recovery reset or System reset detected (clear by ‘0’ writing)
VLOW2
Voltage level VCC or VBack below Vlow2 level (clear by ‘0’ writing)
VLOW1
Voltage level VCC or VBack below Vlow1 level (clear by ‘0’ writing)
Control Page - Register RstCtrl
SYSRes
System reset register; writing ‘1’ will initiate restart of the logic (Watch, Alarm and Timer parts
excluded). After the restart, status bit SR is set. The register is cleared after restart of the logic.
Watch Page - Registers Watch Seconds, Watch Minutes, Watch Hours, Watch Date, Watch Days, Watch Months,
Watch Years
Watch information (BCD format)
S12/24
12-hours or 24-hours format selection; 12-hours: S12/24 = ‘1’, 24-hours: S12/24 = ‘0’
PM/2
S12/24 = ‘0’ PM/2 represents value ‘2’ of tens,
S12/24 = ’1’ PM/2 = ‘1’ represents PM (afternoon), PM/2 =’0’ represents AM (morning)
Alarm Page - Registers Alarm Seconds, Alarm Minutes, Alarm Hours, Alarm Date, Alarm Days, Alarm Months,
Alarm Years
Alarm information (BCD format)
PM/2
S12/24 = ‘0’ PM/2 represents value ‘2’ of tens,
S12/24 = ’1’ PM/2 = ‘1’ represents PM (afternoon), PM/2 =’0’ represents AM (morning)


Similar Part No. - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027IDSSO8B EMMICRO-EM3027IDSSO8B Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027_13 Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com