Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3027IDSSO08B Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSSO08B
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSSO08B Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSSO08B Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
6
www.emmicroelectronic.com
4
EM3027 Block Diagram and Application Schematic
4.1
Block Diagram
4.2
Application Schematic
Crystal Layout Example
VCC
Lithium
Battery
or
Super
Cap
VCC Supply
Protection
Resistor *
X1
* optional for Lithium batteries (<1kΩ)
X2
Crystal
EM3027
CLKOUT
INT
CLKOE
VCC
VBack
µController
CS,
SCL/SCK
SDA/SO
SI
Serial
Interface
VSS
VSS
for application use
CD
CD
Figure1: Application Schematic
Voltage
Monitoring
Voltage
Regulator
Xtal
Oscillato
r
Prescaler
RTC
RAM
EEPROM
Control
I2C
SPI
Inputs
Stages
Output
Buffers
Thermometer
VBack
Vcc
Vss
X1
X2
SCL/SCK
SI
CS
SDA/SO
CLKOE
INT
CLKOUT
VREG
SDA/SO
32.768 kHz
Switchover
VHigh
X1
X2
VSS = 0V


Similar Part No. - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027IDSSO8B EMMICRO-EM3027IDSSO8B Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027_13 Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com