Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM68B16CWPA-3H Datasheet(PDF) 2 Page - Etron Technology, Inc.

Part # EM68B16CWPA-3H
Description  32M x 16 bit DDRII Synchronous DRAM (SDRAM)
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM68B16CWPA-3H Datasheet(HTML) 2 Page - Etron Technology, Inc.

  EM68B16CWPA-3H Datasheet HTML 1Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 2Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 3Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 4Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 5Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 6Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 7Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 8Page - Etron Technology, Inc. EM68B16CWPA-3H Datasheet HTML 9Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
EtronTech
EM68B16CWPA
Etron Confidential
2
Rev. 1.4
Mar. 2009
Table 2. Speed Grade Information
Speed Grade Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
DDR2-800
400 MHz
6
15
15
DDR2-800
400 MHz
5
12.5
12.5
DDR2-667
333 MHz
5
15
15
Figure 1. Ball Assignment (FBGA Top View)
A
B
C
D
E
123
789
VDD
NC
DQ14
VSSQ
VDDQ
DQ9
DQ12
VSSQ
VDD
NC
VSS
UDM
VDDQ
DQ11
VSS
.
VSSQ
UDQS#
UDQS
VSSQ
VDDQ
DQ8
DQ10
VSSQ
VSSQ
LDQS#
VDDQ
DQ15
VDDQ
DQ13
VDDQ
F
DQ6
VSSQ
LDM
LDQS
VSSQ
DQ7
G
VDDQ
DQ1
VDDQ
VDDQ
DQ0
VDDQ
H
DQ4
VSSQ
DQ3
DQ2
VSSQ
DQ5
J
VDDL
VREF
VSS
VSSDL
CK
VDD
K
CKE
WE#
RAS#
CK#
ODT
L
NC
BA0
BA1
CAS#
CS#
M
A10
A1
A2
A0
VDD
N
VSS
A3
A5
A6
A4
P
A7
A9
A11
A8
VSS
R
VDD
A12
NC
NC
NC


Similar Part No. - EM68B16CWPA-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-25H ETRON-EM68B16CWQH-25H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68B16CWQH-3H ETRON-EM68B16CWQH-3H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results

Similar Description - EM68B16CWPA-3H

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM68B16CWQH-18H ETRON-EM68B16CWQH-18H Datasheet
1Mb / 60P
   32M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D2 ALSC-AS4C32M16D2 Datasheet
1Mb / 70P
   512M (32M x 16 bit) DDRII Synchronous DRAM
logo
Etron Technology, Inc.
EM63B165TS-5SG ETRON-EM63B165TS-5SG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18H ETRON-EM68C16CWQE-18H Datasheet
1Mb / 58P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQE-18IH ETRON-EM68C16CWQE-18IH Datasheet
1,005Kb / 56P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18IH ETRON-EM68C16CWQG-18IH Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM68C16CWQG-18H ETRON-EM68C16CWQG-18H Datasheet
1Mb / 60P
   64M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com