Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6AA160TS-5G Datasheet(PDF) 9 Page - Etron Technology, Inc.

Part # EM6AA160TS-5G
Description  16M x 16 bit DDR Synchronous DRAM (SDRAM)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRON [Etron Technology, Inc.]
Direct Link  http://www.etron.com
Logo ETRON - Etron Technology, Inc.

EM6AA160TS-5G Datasheet(HTML) 9 Page - Etron Technology, Inc.

Back Button EM6AA160TS-5G Datasheet HTML 5Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 6Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 7Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 8Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 9Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 10Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 11Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 12Page - Etron Technology, Inc. EM6AA160TS-5G Datasheet HTML 13Page - Etron Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
EtronTech
EM6AA160TS
Etron Confidential
9
Rev. 0.7
July 2008
Extended Mode Register Set (EMRS)
The Extended Mode Register Set stores the data for enabling or disabling DLL and selecting output driver
strength. The default value of the extended mode register is not defined, therefore must be written after power
up for proper operation. The extended mode register is written by asserting low on CS , RAS , CAS , and WE .
The state of A0 ~ A12, BA0 and BA1 is written in the mode register in the same cycle as CS , RAS , CAS , and
WE
going low. The DDR SDRAM should be in all bank precharge with CKE already high prior to writing into
the extended mode register. A1 is used for setting driver strength to normal, or weak. Two clock cycles are
required to complete the write operation in the extended mode register. The mode register contents can be
changed using the same command and clock cycle requirements during operation as long as all banks are in
the idle state. A0 is used for DLL enable or disable. "High" on BA0 is used for EMRS. Refer to the table for
specific codes.
Table 10. Extended Mode Resistor Bitmap
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
RFU must be set to “0”
DS0
DLL
BA0 Mode
A1
Drive Strength
A0
DLL
0
MRS
0
Normal
0
Enable
1
EMRS
1
weak
1
Disable


Similar Part No. - EM6AA160TS-5G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSA-4G ETRON-EM6AA160TSA-4G Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSA-5G ETRON-EM6AA160TSA-5G Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-5G ETRON-EM6AA160TSC-5G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
More results

Similar Description - EM6AA160TS-5G

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
A48P4616B AMICC-A48P4616B Datasheet
1Mb / 66P
   16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AB160TSA ETRON-EM6AB160TSA Datasheet
469Kb / 61P
   32M x 16 bit DDR Synchronous DRAM (SDRAM)
EM68B32DVKA ETRON-EM68B32DVKA Datasheet
328Kb / 40P
   16M x 32 Mobile DDR Synchronous DRAM (SDRAM)
EM658160 ETRON-EM658160 Datasheet
158Kb / 26P
   4M x 16 DDR Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com