Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8440258AK-46LF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS8440258AK-46LF
Description  FEMTOCLOCK??CRYSTAL/LVCMOS-TOLVDS/LVCMOS FREQUENCY SYNTHESIZER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8440258AK-46LF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS8440258AK-46LF Datasheet HTML 6Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 7Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 8Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 9Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 10Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 11Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 12Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 13Page - Integrated Device Technology ICS8440258AK-46LF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT/ ICSLVDS/LVCMOS FREQUENCY SYNTHESIZER
10
ICS8440258AK-46 REV B JANUARY 15, 2008
ICS8440258-46
FEMTOCLOCK™ CRYSTAL/LVCMOS-TO-LVDS/ LVCMOS FREQUENCY SYNTHESIZER
PRELIMINARY
transmission line environment. For buffer with multiple LDVS driver,
it is recommended to terminate the unused outputs.
2.5V LVDS DRIVER TERMINATION
Figure 4 shows a typical ter mination for LVDS driver in
characteristic impedance of 100
Ω differential (50Ω single)
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
2.5V
100 Ohm Differential Transmission Line
2.5V
LVDS_Driv er
R1
100
+
-
100
Ω
Ω
Ω
Ω
Ω DifferentialTransmission Line
FIGURE 5. P.C.ASSEMBLY FOR EXPOSED PAD THERMAL RELEASE PATH –SIDE VIEW (DRAWING NOT TO SCALE)
VFQFN EPAD THERMAL RELEASE PATH
In order to maximize both the removal of heat from the package
and the electr ical perfor mance, a land patter n must be
incorporated on the Printed Circuit Board (PCB) within the footprint
of the package corresponding to the exposed metal pad or
exposed heat slug on the package, as shown in
Figure 5. The
solderable area on the PCB, as defined by the solder mask, should
be at least the same size/shape as the exposed pad/slug area on
the package to maximize the thermal/electrical performance.
Sufficient clearance should be designed on the PCB between the
outer edges of the land pattern and the inner edges of pad pattern
for the leads to avoid any shorts.
While the land pattern on the PCB provides a means of heat
transfer and electrical grounding from the package to the board
through a solder joint, thermal vias are necessary to effectively
conduct from the surface of the PCB to the ground plane(s). The
land pattern must be connected to ground through these vias.
The vias act as “heat pipes”. The number of vias (i.e. “heat pipes”)
are application specific and dependent upon the package power
dissipation as well as electrical conductivity requirements. Thus,
thermal and electrical analysis and/or testing are recommended
to determine the minimum number needed. Maximum thermal
and electrical performance is achieved when an array of vias is
incorporated in the land pattern. It is recommended to use as
many vias connected to ground as possible. It is also
recommended that the via diameter should be 12 to 13mils (0.30
to 0.33mm) with 1oz copper via barrel plating. This is desirable to
avoid any solder wicking inside the via during the soldering process
which may result in voids in solder between the exposed pad/
slug and the thermal land. Precautions should be taken to
eliminate any solder voids between the exposed heat slug and
the land pattern. Note: These recommendations are to be used
as a guideline only. For further information, refer to the Application
Note on the
Surface Mount Assembly of Amkor’s Thermally/
Electrically Enhance Leadfame Base Package, Amkor Technology.
THERMAL VIA
LAND PATTERN
SOLDER
PIN
SOLDER
PIN PAD
PIN PAD
PIN
GROUND PLANE
EXPOSED HEAT SLUG
(GROUND PAD)


Similar Part No. - ICS8440258AK-46LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results

Similar Description - ICS8440258AK-46LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS8440259D-45 RENESAS-ICS8440259D-45 Datasheet
461Kb / 19P
   FEMTOCLOCK™ CRYSTAL/LVCMOS-TOLVDS LVCMOS FREQUENCY SYNTHESIZER
FEBRUARY 26, 2009
8440259D-05 RENESAS-8440259D-05 Datasheet
412Kb / 17P
   FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer
SEPTEMBER 3, 2014
logo
Integrated Device Techn...
840024I IDT-840024I Datasheet
344Kb / 17P
   FemtoClock Crystal/LVCMOS-to-LVCMOS/LVTTL Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
   FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
   FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
ICS8402010I IDT-ICS8402010I Datasheet
324Kb / 16P
   FEMTOCLOCK??CRYSTAL-TOLVDS/LVCMOS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
logo
Integrated Device Techn...
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
   FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
   FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com