Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843004AG-125LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 843004AG-125LF
Description  FemtoClock??Crystal-to-3.3V LVPECL Frequency Synthesizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843004AG-125LF Datasheet(HTML) 1 Page - Integrated Device Technology

  843004AG-125LF Datasheet HTML 1Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 2Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 3Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 4Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 5Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 6Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 7Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 8Page - Integrated Device Technology 843004AG-125LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADVANCE INFORMATION
FemtoClock™ Crystal-to-3.3V
LVPECL Frequency Synthesizer
ICS843004-125
DATA SHEET
ICS843004AG-125 REVISION A JUNE 3, 2009
1
©2009 Integrated Device Technology, Inc.
GENERAL DESCRIPTION
The ICS843004-125 is a 4 output LVPECL Syn-
thesizer optimized to generate Ethernet reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from IDT. The ICS843004-125 uses
IDT’s 3rd generation low phase noise VCO technology and can
achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The ICS843004-125 is packaged
in a small 24-pin TSSOP package.
FEATURES
• Four 3.3V LVPECL output pairs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Crystal oscillator designed for 25MHz, 18pF parallel resonant
crystal
• Supports the following output frequency: 125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.875MHz - 20MHz): 0.58ps (typical)
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
HiPerClockS™
ICS
PIN ASSIGNMENT
ICS843004-125
24-Lead TSSOP
4.40mm x 7.8mm x 0.925mm
package body
G Package
Top View
nQ1
Q1
VCCo
Q0
nQ0
MR
nPLL_SEL
nc
VCCA
nc
VCC
nc
1
2
3
4
5
6
7
8
9
10
11
12
nQ2
Q2
VCCO
Q3
nQ3
VEE
VCC
nXTAL_SEL
REF_CLK
VEE
XTAL_IN
XTAL_OUT
24
23
22
21
20
19
18
17
16
15
14
13
BLOCK DIAGRAM
s
t
u
p
n
I
)
z
H
M
(
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
)
.
f
e
R
z
H
M
5
2
(
e
u
l
a
V
r
e
d
i
v
i
D
Me
u
l
a
V
r
e
d
i
v
i
D
Ne
u
l
a
V
r
e
d
i
v
i
D
N
/
M
5
25
5
5
2
1
FREQUENCY SELECT FUNCTION TABLE
1
1
0
1
0
Phase
Detector
VCO
625MHz
(w/25MHz
Reference)
OSC
M = 25 (fixed)
Q0
nQ0
Q1
nQ1
Q1
nQ1
Q2
nQ2
nQ3
Q3
nPLL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Pulldown
Pulldown
Pulldown
Pulldown
25MHz
÷5


Similar Part No. - 843004AG-125LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843004AG-125LF IDT-843004AG-125LF Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004AG-125LF RENESAS-843004AG-125LF Datasheet
454Kb / 16P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
logo
Integrated Device Techn...
843004AG-125LFT IDT-843004AG-125LFT Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843004AG-125LFT RENESAS-843004AG-125LFT Datasheet
454Kb / 16P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
January 18, 2016
More results

Similar Description - 843004AG-125LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843252 IDT-843252 Datasheet
382Kb / 17P
   FemtoClock Crystal-to- 3.3V LVPECL Frequency Synthesizer
843004-125 IDT-843004-125 Datasheet
264Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8433625 IDT-8433625 Datasheet
412Kb / 19P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430252-45 RENESAS-8430252-45 Datasheet
436Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
5/27/15
843003I-01 RENESAS-843003I-01 Datasheet
431Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
DECEMBER 8, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com