Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

874003AG-04LF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 874003AG-04LF
Description  PCI EXPRESS??Jitter Attenuator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

874003AG-04LF Datasheet(HTML) 1 Page - Integrated Device Technology

  874003AG-04LF Datasheet HTML 1Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 2Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 3Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 4Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 5Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 6Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 7Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 8Page - Integrated Device Technology 874003AG-04LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DATA SHEET
ICS874003AG-04 REVISION A NOVEMBER 4, 2009
1
©2009 Integrated Device Technology, Inc.
PCI EXPRESS™ Jitter Attenuator
ICS874003-04
General Description
The ICS874003-04 is a high performance
Differential-to-LVDS Jitter Attenuator designed for use
in PCI Express systems. In some PCI Express
systems, such as those found in desktop PCs, the PCI
ExpressTM clocks are generated from a low bandwidth,
high phase noise PLL frequency synthesizer. In these systems, a
jitter attenuator may be required to attenuate high frequency random
and deterministic jitter components from the PLL synthesizer and
from the system board. The ICS874003-04 has a bandwidth of
6.8MHz. The 6.8MHz provides a high bandwidth that can easily track
triangular spread profiles, while providing jitter attenuation.
The ICS874003-04 uses IDT’s 3rd Generation FemtoClock™ PLL
technology to achieve the lowest possible phase noise. The device is
packaged in a 20 Lead TSSOP package, making it ideal for use in
space constrained applications such as PCI Express add-in cards.
Features
Three differential LVDS output pairs
One differential clock input
CLK/nCLK can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, HCSL, SSTL
Input frequency range: 98MHz to 128MHz
Output frequency range: 98MHz to 320MHz
VCO range: 490MHz - 640MHz
Supports PCI-Express Spread-Spectrum Clocking
High PLL bandwidth allows for better input tracking
Full 3.3V supply mode
0°C to 70°C ambient operating temperature
Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
F_SEL[2:0] Function Table
HiPerClockS™
ICS
Inputs
Outputs
F_SEL2
F_SEL1
F_SEL0
QA[0:1], nQA[0:1]
QB, nQB0
00
0
÷2
÷2
10
0
÷5
÷2
01
0
÷4
÷2
11
0
÷2
÷4
00
1
÷2
÷5
10
1
÷5
÷4
01
1
÷4
÷5
11
1
÷4
÷4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
F_SEL1
VDDA
nc
F_SEL0
MR
nQA0
QA0
VDDO
QA1
VDD
nQA1
VDDO
QB0
nQB0
F_SEL2
OEB
GND
nCLK
CLK
OEA
Pin Assignment
ICS874003-04
20-Lead TSSOP
6.5mm x 4.4mm x 0.925mm package body
G Package
Top View


Similar Part No. - 874003AG-04LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874003AG-02 IDT-874003AG-02 Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02LF IDT-874003AG-02LF Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02LFT IDT-874003AG-02LFT Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02T IDT-874003AG-02T Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
More results

Similar Description - 874003AG-04LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com