Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

874003AG-04 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 874003AG-04
Description  PCI EXPRESS??Jitter Attenuator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

874003AG-04 Datasheet(HTML) 3 Page - Integrated Device Technology

  874003AG-04 Datasheet HTML 1Page - Integrated Device Technology 874003AG-04 Datasheet HTML 2Page - Integrated Device Technology 874003AG-04 Datasheet HTML 3Page - Integrated Device Technology 874003AG-04 Datasheet HTML 4Page - Integrated Device Technology 874003AG-04 Datasheet HTML 5Page - Integrated Device Technology 874003AG-04 Datasheet HTML 6Page - Integrated Device Technology 874003AG-04 Datasheet HTML 7Page - Integrated Device Technology 874003AG-04 Datasheet HTML 8Page - Integrated Device Technology 874003AG-04 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICS874003-04 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
ICS874003AG-04 REVISION A NOVEMBER 4, 2009
3
©2009 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Table 3. Output Enable Function Table
Number
Name
Type
Description
1, 20
QA1, nQA1
Output
Differential output pair. LVDS interface levels.
2, 19
VDDO
Power
Output supply pins.
3, 4
QA0, nQA0
Output
Differential output pair. LVDS interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs (Qx) to go low and the inverted outputs (nQx) to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
6,
9,
16
F_SEL0,
F_SEL1,
F_SEL2
Input
Pulldown
Frequency select pin for QAx, nQAx and QB0, nQB0 outputs. LVCMOS/LVTTL
interface levels.
7
nc
Unused
No connect.
8VDDA
Power
Analog supply pin.
10
VDD
Power
Core supply pin.
11
OEA
Input
Pullup
Output enable pin for QA pins. When HIGH, the QAx, nQAx outputs are active.
When LOW, the QAx, nQAx outputs are in a high impedance state.
LVCMOS/LVTTL interface levels.
12
CLK
Input
Pulldown
Non-inverting differential clock input.
13
nCLK
Input
Pullup
Inverting differential clock input.
14
GND
Power
Power supply ground.
15
OEB
Input
Pullup
Output enable pin for QB0 pins. When HIGH, the QB0, nQB0 outputs are active.
When LOW, the QB0, nQB0 outputs are in a high impedance state.
LVCMOS/LVTTL interface levels.
17, 18
nQB0, QB0
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
Inputs
Outputs
OEx
Qx[0:1], nQx[0:1]
0
Hi-Impedance
1
Enabled


Similar Part No. - 874003AG-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874003AG-02 IDT-874003AG-02 Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02LF IDT-874003AG-02LF Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02LFT IDT-874003AG-02LFT Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
874003AG-02T IDT-874003AG-02T Datasheet
776Kb / 15P
   PCI EXPRESS Jitter Attenuator
More results

Similar Description - 874003AG-04

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
   PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com