Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8512061AGILFT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8512061AGILFT
Description  SINGLE CHANNEL 0.7V DIFFERENTIALTO-LVTTL TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8512061AGILFT Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8512061AGILFT Datasheet HTML 2Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 3Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 4Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 5Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 6Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 7Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 8Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 9Page - Integrated Device Technology 8512061AGILFT Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ICS8512061I
SINGLE CHANNEL 0.7V DIFFERENTIAL-TO-LVTTL TRANSCEIVER
IDT™ / ICS™ TRANSCEIVER
6
ICS8512061AGI REV. B NOVEMBER 19, 2008
Additive Phase Jitter (LVCMOS)
The spectral purity in a band at a specific offset from the
fundamental compared to the power of the fundamental is called
the dBc Phase Noise. This value is normally expressed using a
Phase noise plot and is most often the specified plot in many
applications. Phase noise is defined as the ratio of the noise power
present in a 1Hz band at a specified offset from the fundamental
frequency to the power value of the fundamental. This ratio is
expressed in decibels (dBm) or a ratio of the power in the 1Hz band
to the power in the fundamental. When the required offset is
specified, the phase noise is called a dBc value, which simply
means dBm at a specified offset from the fundamental. By
investigating jitter in the frequency domain, we get a better
understanding of its effects on the desired application over the
entire time record of the signal. It is mathematically possible to
calculate an expected bit error rate given a phase noise plot.
As with most timing specifications, phase noise measurements
has issues relating to the limitations of the equipment. Often the
noise floor of the equipment is higher than the noise floor of the
device. This is illustrated above. The device meets the noise floor
of what is shown, but can actually be lower. The phase noise is
dependent on the input source and measurement equipment.
Additive Phase Jitter @ 100MHz
12kHz to 20MHz = 0.23ps (typical)
Offset from Carrier Frequency (Hz)


Similar Part No. - 8512061AGILFT

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85120065 HUBERSUHNER-85120065 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 24in
85120066 HUBERSUHNER-85120066 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 36in
85120068 HUBERSUHNER-85120068 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 48in
85120069 HUBERSUHNER-85120069 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 24in
85120070 HUBERSUHNER-85120070 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 36in
More results

Similar Description - 8512061AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V5206 IDT-IDT5V5206 Datasheet
349Kb / 18P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
logo
Renesas Technology Corp
IDT5V5206 RENESAS-IDT5V5206 Datasheet
543Kb / 19P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
May 18, 2006
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
[Old version datasheet]   4-Channel LVTTL to GTL Transceiver
logo
Fairchild Semiconductor
GTLP2T152 FAIRCHILD-GTLP2T152 Datasheet
114Kb / 7P
   2-Bit LVTTL/GTLP Transceiver
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com