Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

810001BK-22LF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 810001BK-22LF
Description  FemtoClock??Dual VCXO Video PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

810001BK-22LF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 810001BK-22LF Datasheet HTML 3Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 4Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 5Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 6Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 7Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 8Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 9Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 10Page - Integrated Device Technology 810001BK-22LF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ICS810001BK-22 REVISION A SEPTEMBER 8, 2009
7
©2009 Integrated Device Technology, Inc.
ICS810001-22 Data Sheet
FEMTOCLOCK™ DUAL VCXO VIDEO PLL
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VDD = VDDO = VDDX = 3.3V ± 5%, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = VDDX = 3.3V ± 5%, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, VO
-0.5V to VDDO + 0.5V
Package Thermal Impedance,
θ
JA
37
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.15
3.3
VDD
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
VDDX
Charge Pump Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
187
mA
IDDA
Analog Supply Current
15
mA
IDDO
Output Supply Current
No Load
4
mA
IDDX
Charge Pump Supply Current
4mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input
High Current
CLK[0:1], CLK_SEL,
P[1:0], V[3:0], N[1:0],
MR, MF, XTAL_SEL
VDD = VIN = 3.465V
150
µA
OE, nBP0, nBP1
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
CLK[0:1], CLK_SEL,
P[1:0], V[3:0], N[1:0],
MR, MF, XTAL_SEL
VDD = 3.465V, VIN = 0V
-5
µA
OE, nBP0, nBP1
VDD = 3.465, VIN = 0V
-150
µA
VOH
Output High Voltage
IOH = -24mA
2.6
V
VOL
Output Low Voltage
IOL = 24mA
0.5
V


Similar Part No. - 810001BK-22LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001BK-22LF IDT-810001BK-22LF Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
810001BK-22LFT IDT-810001BK-22LFT Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
More results

Similar Description - 810001BK-22LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
810001-22 IDT-810001-22_17 Datasheet
182Kb / 19P
   FemtoClock??Dual VCXO Video PLL
810001-21 IDT-810001-21 Datasheet
241Kb / 19P
   FemtoClock Dual VCXO Video PLL
logo
Renesas Technology Corp
810001-21 RENESAS-810001-21 Datasheet
457Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
March 3, 2016
ICS810001I-21 RENESAS-ICS810001I-21 Datasheet
612Kb / 21P
   FemtoClock® Dual VCXO Video PLL
MARCH 21, 2013
810001-22 RENESAS-810001-22 Datasheet
377Kb / 20P
   FemtoClock™ Dual VCXO Video PLL
8/14/15
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
   FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
   FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
ICS813001I ICST-ICS813001I Datasheet
237Kb / 18P
   DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
logo
Renesas Technology Corp
813001I RENESAS-813001I Datasheet
464Kb / 21P
   Dual VCXO w/3.3V, 2.5V LVPECL FemtoClock™ PLL
3/17/15
813321-04 RENESAS-813321-04 Datasheet
426Kb / 20P
   VCXO W/3.3V, 2.5V LVPECL FemtoClock™ PLL
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com