Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8512061AGILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 8512061AGILF
Description  SINGLE CHANNEL 0.7V DIFFERENTIALTO-LVTTL TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8512061AGILF Datasheet(HTML) 4 Page - Integrated Device Technology

  8512061AGILF Datasheet HTML 1Page - Integrated Device Technology 8512061AGILF Datasheet HTML 2Page - Integrated Device Technology 8512061AGILF Datasheet HTML 3Page - Integrated Device Technology 8512061AGILF Datasheet HTML 4Page - Integrated Device Technology 8512061AGILF Datasheet HTML 5Page - Integrated Device Technology 8512061AGILF Datasheet HTML 6Page - Integrated Device Technology 8512061AGILF Datasheet HTML 7Page - Integrated Device Technology 8512061AGILF Datasheet HTML 8Page - Integrated Device Technology 8512061AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ICS8512061I
SINGLE CHANNEL 0.7V DIFFERENTIAL-TO-LVTTL TRANSCEIVER
IDT™ / ICS™ TRANSCEIVER
4
ICS8512061AGI REV. B NOVEMBER 19, 2008
Table 4B. HCSL (QA/nQA) AC Characteristics, VDD = 3.3V ± 0.3V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
NOTE 1: Measured from VDD/2 input cross point to the differential output crossing point.
NOTE 2: Measurement taken from differential waveform.
NOTE 3: Measurement from -150mV to +150mV on the differential waveform (derived from QA minus nQA). The signal must be
monotonic through the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero
crossing.
NOTE 4: TSTABLE is the time the differential clock must maintain a minimum ±150mV differential voltage after rising/falling edges before it
is allowed to drop back into the VRB ±100 differential range. See Parameter Measurement Information Section.
NOTE 5: Measurement taken from single-ended waveform.
NOTE 6: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 7: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 8: Measured at crossing point where the instantaneous voltage value of the rising edge of QA equals the Falling edge of nQA.
See Parameter Measurement Information Section
NOTE 9: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all
crossing points for this measurement. See Parameter Measurement Information Section.
NOTE 10: Defined as the total variation of all crossing voltage of Rising QA and Falling nQA. This is the maximum allowed variance in the
VCROSS for any particular system. See Parameter Measurement Information Section.
NOTE 11: Input duty cycle must be 50%.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
250
MHz
tjit
Buffer Additive Phase Jitter, RMS
100MHz, Integration Range:
12kHz – 20MHz
0.29
ps
tPD
Propagation Delay, NOTE 1
IN to QA/nQA
1.1
1.7
ns
Rise
Edge Rate
Rising Edge Rate; NOTE 2, 3
0.6
4.0
V/ns
Fall
Edge Rate
Falling Edge Rate; NOTE 2, 3
0.6
4.0
V/ns
Vrb
Ringback Voltage; NOTE 2, 4
-100
100
V
VMAX
Absolute Max Output Voltage;
NOTE 5, 6
1150
mV
VMIN
Absolute Min Output Voltage;
NOTE 5, 7
-300
mV
VCROSS
Absolute Crossing Voltage;
NOTE 5, 8, 9
250
550
mV
∆V
CROSS
Total Variation of VCROSS over all
edges; NOTE 5, 8, 10
140
mV
odc
Output Duty Cycle; NOTE 11
45
55
%


Similar Part No. - 8512061AGILF

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85120065 HUBERSUHNER-85120065 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 24in
85120066 HUBERSUHNER-85120066 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 36in
85120068 HUBERSUHNER-85120068 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (male), 50 Ohm, 50 GHz, 48in
85120069 HUBERSUHNER-85120069 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 24in
85120070 HUBERSUHNER-85120070 Datasheet
4Mb / 2P
   MICROWAVE TEST ASSEMBLIES, 2.4mm (male), 2.4mm (female), 50 Ohm, 50 GHz, 36in
More results

Similar Description - 8512061AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V5206 IDT-IDT5V5206 Datasheet
349Kb / 18P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
logo
Renesas Technology Corp
IDT5V5206 RENESAS-IDT5V5206 Datasheet
543Kb / 19P
   Single Channel Type-2 M-LVDS to LVTTL Transceiver
May 18, 2006
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
ON Semiconductor
FXGL2014 ONSEMI-FXGL2014 Datasheet
1Mb / 14P
   4-Channel LVTTL to GTL Transceiver
September 2018 Rev. 2
logo
Texas Instruments
SN74GTL2014 TI1-SN74GTL2014 Datasheet
891Kb / 20P
[Old version datasheet]   4-Channel LVTTL to GTL Transceiver
logo
Fairchild Semiconductor
GTLP2T152 FAIRCHILD-GTLP2T152 Datasheet
114Kb / 7P
   2-Bit LVTTL/GTLP Transceiver
logo
NXP Semiconductors
GTL2012 NXP-GTL2012 Datasheet
98Kb / 14P
   2-bit LVTTL to GTL transceiver
Rev. 01-9 August 2007
GTL2018 NXP-GTL2018 Datasheet
94Kb / 14P
   8-bit LVTTL to GTL transceiver
Rev. 01-15 February 2007
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com