Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

874001AGI-05LF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 874001AGI-05LF
Description  PCI EXPRESS??JITTER ATTENUATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

874001AGI-05LF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 874001AGI-05LF Datasheet HTML 6Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 7Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 8Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 9Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 10Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 11Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 12Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 13Page - Integrated Device Technology 874001AGI-05LF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IDT/ ICSPCI EXPRESS JITTERATTENUATOR
10
ICS874001AGI-05 REV. A
APRIL 20, 2009
ICS874001I-05
PCI EXPRESS™ JITTER ATTENUATOR
3.3V LVDS DRIVER TERMINATION
A general LVDS interface is shown in
Figure 4. In a 100
Ω
differential transmission line environment, LVDS dr ivers
require a matched load ter mination of 100
Ω across near
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
unused outputs.
INPUTS:
LVCMOS CONTROL PINS
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT PINS
3.3V
LVDS Driver
R1
100
Ω
+
3.3V
50
Ω
50
Ω
100
Ω Differential Transmission Line


Similar Part No. - 874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
874001AGI-05LF IDT-874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
874001AGI-05LFT IDT-874001AGI-05LFT Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
More results

Similar Description - 874001AGI-05LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
   PCI EXPRESS??JITTER ATTENUATOR
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
   PCI EXPRESS JITTER ATTENUATOR
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
   PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
   PCI EXPRESS??Jitter Attenuator
logo
Integrated Circuit Syst...
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
   PCI Express, Jitter Attenuator
logo
Integrated Device Techn...
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
   PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
   PCI Express Jitter Attenuator
March 11, 2016
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
   PCI EXPRESS??JITTER ATTENUATOR
ICS9DB202 IDT-ICS9DB202_06 Datasheet
681Kb / 13P
   PCI EXPRESS JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com