Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8735AM-21 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology 8735AM-21 Datasheet HTML 10Page - Integrated Device Technology 8735AM-21 Datasheet HTML 11Page - Integrated Device Technology 8735AM-21 Datasheet HTML 12Page - Integrated Device Technology 8735AM-21 Datasheet HTML 13Page - Integrated Device Technology 8735AM-21 Datasheet HTML 14Page - Integrated Device Technology 8735AM-21 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
11
ICS8735AM-21 REV. A JULY 31, 2008
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL
and other differential signals. Both VSWING and VOH must meet the
VPP and VCMR input requirements. Figures 3A to 3F show interface
examples for the HiPerClockS CLK/nCLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
component to confirm the driver termination requirements. For
example, in Figure 3A, the input termination applies for IDT
HiPerClockS open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
Figure 3A. HiPerClockS CLK/nCLK Input
Driven by an IDT Open Emitter
HiPerClockS LVHSTL Driver
Figure 3C. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3E. HiPerClockS CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 3B. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3D. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 3F. HiPerClockS CLK/nCLK Input
Driven by a 2.5V SSTL Driver
R1
50
R2
50
1.8V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
LVHSTL
IDT
HiPerClockS
LVHSTL Driver
HiPerClockS
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
HCSL
*R3
33
*R4
33
CLK
nCLK
2.5V
3.3V
Zo = 50
Zo = 50
HiPerClockS
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
CLK
nCLK
HiPerClockS
Input
LVPECL
3.3V
Zo = 50
Zo = 50
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Zo = 50
CLK
nCLK
HiPerClockS
SSTL
2.5V
Zo = 60
Zo = 60
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120


Similar Part No. - 8735AM-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8735AY-31LF IDT-8735AY-31LF Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735AY-31LF RENESAS-8735AY-31LF Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735AY-31LF RENESAS-8735AY-31LF Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
logo
Integrated Device Techn...
8735AY-31LFT IDT-8735AY-31LFT Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735AY-31LFT RENESAS-8735AY-31LFT Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results

Similar Description - 8735AM-21

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
   700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
   700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
   1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
   1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
logo
Integrated Device Techn...
87354 IDT-87354 Datasheet
198Kb / 15P
   Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
   Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
   Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
   Differential-to-HSTL Zero Delay Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com