Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE8262E Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 7Page - Infineon Technologies AG TLE8262E Datasheet HTML 8Page - Infineon Technologies AG TLE8262E Datasheet HTML 9Page - Infineon Technologies AG TLE8262E Datasheet HTML 10Page - Infineon Technologies AG TLE8262E Datasheet HTML 11Page - Infineon Technologies AG TLE8262E Datasheet HTML 12Page - Infineon Technologies AG TLE8262E Datasheet HTML 13Page - Infineon Technologies AG TLE8262E Datasheet HTML 14Page - Infineon Technologies AG TLE8262E Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
Data Sheet
11
Rev. 1.0, 2009-03-31
TLE8262E
State Machine
4.2
State Machine Description
The System Basis Chip (SBC) offers ten operating modes: Power On Reset, Init, Normal, Restart, Software Flash,
Sleep, Stop, Fail-Safe, Software Development, and Factory Flash Mode. The modes are controlled with one test
pin and via three mode select bits MS2..0, within the SPI. Additionally, the SBC allows five configurations,
accessed via two external pins and one SPI bit.
4.2.1
Configuration Description
Table 1 provides descriptions and conditions for entry to the different configurations of the SBC.
In SBC SW Development Mode, Config 1 to 4 are accessible.
4.2.2
SBC Power ON Reset (POR)
At
V
S > VUVON, the SBC starts to operate, by reading the test pin and then by turning ON Vcc1µC. When Vcc1µC
reaches the reset threshold
V
RT1, the reset output remains activated for tRD1 and the SBC enters then the Init Mode.
In the event that
V
s decreases below VUVOFF, the device is completely disabled. For more details on the disable
behavior of the SBC blocks, please refer to the chapter specific to each block.
4.2.3
SBC Init Mode
At entering the SBC Init Mode, the SBC starts to read the Test pin. The SBC starts-up in SBC Init Mode, and, after
powering-up, waits for the microcontroller to finish its startup and initialization sequences.
V
cc2/3 are OFF and the
Watchdog is configurable but not active. CAN and LIN modules are inactive and Limp Home output is inactive.
From this transition mode, the SBC can be switched via SPI command to the desired operating mode, SBC Normal
or Software Flash Mode. If the SBC does not receive any SPI command, or receive wrong SPI command (i.e. not
send the device to SBC Normal or SBC SW Flash Mode) within a 256 ms time frame after the reset relaxation, it
will enter into SBC Restart Mode and activate the Limp Home output.
Note: In Init Mode it is recommended to send one SPI command that sets the device to Normal Mode, triggers the
watchdog the first time and sets the required watchdog settings.
Table 1
SBC Configuration
Configuration
Description
Test pin
INT Pin
WD to
LH bit
config 0
Software Development Mode
0V
n.a
n.a
config 1
After missing the WD trigger for the first time, the state of
V
cc1µC
remain unchanged, LH pin is active, SBC in Restart Mode
Open /
V
S External
pull-up
0
config 2
After missing the WD trigger for the first time,
V
cc1µC turns OFF,
LH pin is active, SBC in Fail-Safe Mode
No ext.
pull-up
0
config 3
After missing the WD trigger for the second time, the state of
V
cc1µC remain unchanged, LH pin is active, SBC in Restart
Mode
External
pull-up
1
config 4
After missing the WD trigger for the second time,
V
cc1µC turns
OFF, LH pin is active, SBC in Fail-Safe Mode
No ext.
pull-up
1


Similar Part No. - TLE8262E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
More results

Similar Description - TLE8262E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8264E INFINEON-TLE8264E Datasheet
1Mb / 99P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8261E INFINEON-TLE8261E Datasheet
1Mb / 82P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8263E INFINEON-TLE8263E Datasheet
1Mb / 93P
   Universal System Basis Chip HERMES Rev. 1.0
Rev. 1.0, March 2009
TLE8261-2E INFINEON-TLE8261-2E Datasheet
1Mb / 83P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE8263-2E INFINEON-TLE8263-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8264-2E INFINEON-TLE8264-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, March 2009
TLE8262-2E INFINEON-TLE8262-2E Datasheet
1Mb / 94P
   Universal System Basis Chip
Rev. 1.0, May 2009
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7429 ONSEMI-NCV7429 Datasheet
612Kb / 43P
   System Basis Chip
March, 2017 ??Rev. 0
logo
Infineon Technologies A...
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com