Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4309G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4309G
Description  Adjustable Linear Low Dropout LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4309G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4309G Datasheet HTML 2Page - Infineon Technologies AG TLE4309G Datasheet HTML 3Page - Infineon Technologies AG TLE4309G Datasheet HTML 4Page - Infineon Technologies AG TLE4309G Datasheet HTML 5Page - Infineon Technologies AG TLE4309G Datasheet HTML 6Page - Infineon Technologies AG TLE4309G Datasheet HTML 7Page - Infineon Technologies AG TLE4309G Datasheet HTML 8Page - Infineon Technologies AG TLE4309G Datasheet HTML 9Page - Infineon Technologies AG TLE4309G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Datasheet
6
Rev. 1.0, 2007-03-20
TLE4309
Table 5
Electrical Characteristics
V
I = 13.5 V; VPWM VPWM,H; -25 °C < Tj < 125 °C;
all voltages with respect to ground; unless otherwise specified
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.
Output
Output current
I
Q
171
178
185
mA
(
V
Q-VREF)
1) = 6.6 V;
R
REF = 1.0 Ω
438
456
474
mA
(
V
Q-VREF)
1) = 6.6 V;
R
REF = 0.39 Ω
Output current limit
I
Qmax
–600
–mA
R
REF = 0 Ω
Dropout voltage
V
dr
0.35
0.7
V
I
Q = 300 mA
Reference
Reference Voltage
V
REF
172
178
184
mV
0.39 <
R
REF < 1.0 Ω
T
j = 25 °C
Reference Voltage
V
REF
171
178
185
mV
0.39 <
R
REF < 1.0 Ω
Reference Input
Current
I
REF
-1
0.1
1
µA
V
REF = 180 mV
Current Consumption
Current consumption
off mode
I
q,OFF
–0.1
2µA
PWM/EN = L,
T
j < 85 °C
Current consumption
I
q
1222mA
V
Q =6.6 V; RREF =0.47 Ω
PWM / ENABLE
PWM high level valid
V
PWM,H
2.6
––V
PWM low level valid
V
PWM,L
––0.7
V
PWM input current
high level
I
PWM,H
–220
500
µA
V
PWM = 5.0 V
PWM input current
low level
I
PWM,L
-1
–1µA
V
PWM = 0.0 V
Turn on delay time
t
PWM,ON
0
1540µs
70% of
I
Qnom
Turn off delay time
t
PWM,OFF
0
1540µs
30% of
I
Qnom
1) (V
Q - VREF) equals the forward voltage sum of the connected LEDs, see figure 1.


Similar Part No. - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4305 INFINEON-TLE4305 Datasheet
266Kb / 15P
   Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305 INFINEON-TLE4305 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305G INFINEON-TLE4305G Datasheet
266Kb / 15P
   Voltage-Current Regulator
Rev. 2.1, 2004-01-01
TLE4305G INFINEON-TLE4305G Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
TLE4305 INFINEON-TLE4305_08 Datasheet
262Kb / 16P
   Voltage-Current Regulator Wide supply voltage operation range
Rev. 2.2, 2008-11-17
More results

Similar Description - TLE4309G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
   Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
   Low Dropout Linear LED Driver
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
Solid States Devices, I...
SVR1083 SSDI-SVR1083 Datasheet
150Kb / 2P
   Low Dropout Positive Adjustable Linear
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
   ADJUSTABLE 60V LINEAR LED DRIVER
AL5810 DIODES-AL5810 Datasheet
932Kb / 13P
   ADJUSTABLE 60V LINEAR LED DRIVER
Rev. 2 - 2 June 2022
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5701 ANPEC-APL5701 Datasheet
257Kb / 23P
   Adjustable Low Dropout 700mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com