Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS841654AGIT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS841654AGIT
Description  FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841654AGIT Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS841654AGIT Datasheet HTML 1Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 2Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 3Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 4Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 5Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 6Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 7Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 8Page - Integrated Device Technology ICS841654AGIT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IDT/ ICSHCSL CLOCK GENERATOR
2
ICS841654AGI REV. A APRIL 17, 2008
ICS841654I
FEMTOCLOCKS™ CRYSTAL-TO-HCSL CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
8
1
,
1V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
2T
U
O
_
F
E
Rt
u
p
t
u
O
.
t
u
p
t
u
o
k
c
o
l
c
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
d
e
d
n
e
-
e
l
g
n
i
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
2
,
5
1
,
7
,
3D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
,
5
,
4
9
,
8
,
0
A
Q
n
,
0
A
Q
1
A
Q
n
,
1
A
Q
t
u
p
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
s
r
i
a
p
t
u
p
t
u
o
A
k
n
a
B
l
a
i
t
n
e
r
e
f
f
i
D
6V
A
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
0
1E
O
_
F
E
R
nt
u
p
n
Ip
u
ll
u
P
.
E
3
e
l
b
a
T
e
e
S
.
e
l
b
a
s
i
d
/
e
l
b
a
n
e
T
U
O
_
F
E
R
w
o
l
e
v
i
t
c
A
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
1S
S
A
P
Y
Bt
u
p
n
In
w
o
d
ll
u
P
.
n
o
i
t
a
r
e
p
o
s
s
a
p
y
b
L
L
P
/
n
o
i
t
a
r
e
p
o
L
L
P
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
C
3
e
l
b
a
T
e
e
S
2
1N
I
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
L
L
P
d
e
d
n
e
-
e
l
g
n
i
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
1L
E
S
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P
.
e
c
r
u
o
s
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
s
t
c
e
l
e
S
.
t
c
e
l
e
s
e
c
n
e
r
e
f
e
R
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
B
3
e
l
b
a
T
e
e
S
4
1V
A
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
7
1
,
6
1
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
,
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
P
)
.
e
c
n
e
r
e
f
e
r
L
L
P
(
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
9
1E
O
n
/
R
Mt
u
p
n
In
w
o
d
ll
u
P
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
e
l
b
a
n
e
t
u
p
t
u
o
W
O
L
e
v
i
t
c
A
.
t
e
s
e
r
r
e
t
s
a
m
H
G
I
H
e
v
i
t
c
A
h
g
i
h
n
i
e
r
a
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
d
n
a
t
e
s
e
r
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
)
Z
i
H
(
e
c
n
a
d
e
p
m
i
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
D
3
e
l
b
a
T
e
e
S
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
.
s
l
e
v
e
l
1
2
,
0
2
5
2
,
4
2
1
B
Q
,
1
B
Q
n
0
B
Q
,
0
B
Q
n
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
S
C
H
.
s
r
i
a
p
t
u
p
t
u
o
B
k
n
a
B
l
a
i
t
n
e
r
e
f
f
i
D
3
2V
B
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
7
2
,
6
2
,
1
L
E
S
F
0
L
E
S
F
t
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
f
t
u
p
t
u
O
8
2F
E
R
It
u
p
t
u
O
r
o
t
s
i
s
e
r
n
o
i
s
i
c
e
r
p
d
e
x
i
f
A
.
t
u
p
t
u
o
r
o
t
s
i
s
e
r
l
a
n
r
e
t
x
e
e
c
n
e
r
e
f
e
r
t
n
e
r
r
u
c
L
S
C
H
5
7
4
=
F
E
R
R
(
Ω
d
e
s
u
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
r
a
s
e
d
i
v
o
r
p
d
n
u
o
r
g
o
t
n
i
p
s
i
h
t
m
o
r
f
)
k
c
o
l
c
]
1
:
0
[
B
Q
n
/
]
1
:
0
[
B
Q
d
n
a
]
1
:
0
[
A
Q
n
/
]
1
:
0
[
A
Q
e
d
o
m
-
t
n
e
r
r
u
c
l
a
i
t
n
e
r
e
f
f
i
d
r
o
f
.
s
t
u
p
t
u
o
:
E
T
O
N
n
w
o
d
ll
u
P
d
n
a
p
u
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
L
L
U
PP
U
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω


Similar Part No. - ICS841654AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841654AGILF IDT-ICS841654AGILF Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
ICS841654AGILF RENESAS-ICS841654AGILF Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
logo
Integrated Device Techn...
ICS841654AGILFT IDT-ICS841654AGILFT Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
ICS841654AGILFT RENESAS-ICS841654AGILFT Datasheet
492Kb / 19P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
More results

Similar Description - ICS841654AGIT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841608AKIT IDT-ICS841608AKIT Datasheet
397Kb / 17P
   FEMTOCLOCKS??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841608I IDT-ICS841608I Datasheet
397Kb / 17P
   FEMTOCLOCKS CRYSTAL-TO-HCSL CLOCK GENERATOR VCO: 500MHz
logo
Integrated Circuit Syst...
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844252-04 ICST-ICS844252-04 Datasheet
165Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Device Techn...
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
   FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS844021I-01 ICST-ICS844021I-01 Datasheet
161Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com