Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

841664AGI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 841664AGI
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

841664AGI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 841664AGI Datasheet HTML 6Page - Integrated Device Technology 841664AGI Datasheet HTML 7Page - Integrated Device Technology 841664AGI Datasheet HTML 8Page - Integrated Device Technology 841664AGI Datasheet HTML 9Page - Integrated Device Technology 841664AGI Datasheet HTML 10Page - Integrated Device Technology 841664AGI Datasheet HTML 11Page - Integrated Device Technology 841664AGI Datasheet HTML 12Page - Integrated Device Technology 841664AGI Datasheet HTML 13Page - Integrated Device Technology 841664AGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT/ ICSHCSL CLOCK GENERATOR
10
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
RECOMMENDED TERMINATION
Figure 4A is the recommended termination for applications
which require the receiver and driver to be on a separate PCB.
All traces should be 50
Ω impedance.
FIGURE 4A. RECOMMENDED TERMINATION
Figure 4B is the recommended termination for applications which
require a point to point connection and contain the driver and
receiver on the same PCB. All traces should all be 50
Ω impedance.
FIGURE 4B. RECOMMENDED TERMINATION


Similar Part No. - 841664AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
841664AGILF IDT-841664AGILF Datasheet
374Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
841664AGILFT IDT-841664AGILFT Datasheet
374Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
More results

Similar Description - 841664AGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
   FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
   FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841602 RENESAS-841602 Datasheet
694Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
2019
logo
Integrated Device Techn...
841602 IDT-841602 Datasheet
418Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841608 RENESAS-841608 Datasheet
1Mb / 20P
   FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
logo
Integrated Device Techn...
841604 IDT-841604 Datasheet
414Kb / 17P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
ICS841664I RENESAS-ICS841664I Datasheet
662Kb / 20P
   FemtoClock® Crystal-to-HCSL Clock Generator
JULY 15, 2013
logo
Integrated Device Techn...
841654 IDT-841654 Datasheet
293Kb / 18P
   FemtoClock NG Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
   FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com