Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

830584AGILF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 830584AGILF
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

830584AGILF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 830584AGILF Datasheet HTML 4Page - Integrated Device Technology 830584AGILF Datasheet HTML 5Page - Integrated Device Technology 830584AGILF Datasheet HTML 6Page - Integrated Device Technology 830584AGILF Datasheet HTML 7Page - Integrated Device Technology 830584AGILF Datasheet HTML 8Page - Integrated Device Technology 830584AGILF Datasheet HTML 9Page - Integrated Device Technology 830584AGILF Datasheet HTML 10Page - Integrated Device Technology 830584AGILF Datasheet HTML 11Page - Integrated Device Technology 830584AGILF Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IDT/ ICSPCI-X 1-TO-4 FANOUT BUFFER
8
ICS830584AGI REV. B MARCH
31, 2009
ICS830584I
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS830584I is: 307
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD TSSOP
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
121.5°C/W
117.3°C/W
115.3°C/W
INPUTS:
OE INPUT
The OE pin must be tied either HIGH or LOW. Do not leave
floating.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
APPLICATION INFORMATION
OUTPUTS:
LVCMOS OUTPUTS
All unused LVCMOS outputs can be left floating. We recommend
that there is no trace attached.


Similar Part No. - 830584AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830584AGILF IDT-830584AGILF Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
830584AGILFT IDT-830584AGILFT Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
More results

Similar Description - 830584AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830584I IDT-830584I Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
   LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com