Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813252CKI-02LF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 813252CKI-02LF
Description  VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

813252CKI-02LF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 813252CKI-02LF Datasheet HTML 7Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 8Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 9Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 10Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 11Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 12Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 13Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 14Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IDT/ ICSVCXO JITTER ATTENUATOR/MULTIPLIER
11
CS813252CKI-02 REV. A OCTOBER 22, 2008
ICS813252I-02
VCXO JITTER ATTENUATOR & FEMTOCLOCK™ MULTIPLIER
FIGURE 3C. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY A 3.3V LVPECL DRIVER
FIGURE 3B. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY A 3.3V LVPECL DRIVER
FIGURE 3D. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY A 3.3V LVDS DRIVER
3.3V
R1
50
R3
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
3.3V
Input
R2
50
Zo = 50 Ohm
Input
HiPerClockS
CLK
nCLK
3.3V
R3
125
R2
84
Zo = 50 Ohm
3.3V
R4
125
LVPECL
R1
84
3.3V
DIFFERENTIAL CLOCK INPUT INTERFACE
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL
and other differential signals. V
SWING and VOH must meet the VPP and
V
CMR input requirements. Figures 3A to 3F show interface examples
for the HiPerClockS CLK/nCLK input driven by the most common
driver types. The input interfaces suggested here are examples
FIGURE 3A. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY AN IDT OPEN EMITTER
HIPERCLOCKS LVHSTL DRIVER
only. Please consult with the vendor of the driver component to
confirm the driver termination requirements. For example in Figure
3A, the input termination applies for IDT HiPerClockS open emitter
LVHSTL drivers. If you are using an LVHSTL driver from another
vendor, use their termination recommendation.
1.8V
R2
50
Input
LVHSTL Driver
ICS
HiPerClockS
R1
50
LVHSTL
3.3V
Zo = 50 Ohm
Zo = 50 Ohm
HiPerClockS
CLK
nCLK
FIGURE 3E. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY A 3.3V HCSL DRIVER
Zo = 50 Ohm
R1
100
3.3V
LVDS_Driv er
Zo = 50 Ohm
Receiv er
CLK
nCLK
3.3V
HCSL
*R3
33
*R4
33
CLK
nCLK
2.5V
3.3V
Zo = 50
Ω
Zo = 50
Ω
HiPerClockS
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
Ω
FIGURE 3F. HIPERCLOCKS CLK/nCLK INPUT
DRIVEN BY A 2.5V SSTL DRIVER
CLK
nCLK
HiPerClockS
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120


Similar Part No. - 813252CKI-02LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813252CKI-02LF RENESAS-813252CKI-02LF Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
813252CKI-02LFT RENESAS-813252CKI-02LFT Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results

Similar Description - 813252CKI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com