Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813252CKI-02LF Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 813252CKI-02LF
Description  VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

813252CKI-02LF Datasheet(HTML) 3 Page - Integrated Device Technology

  813252CKI-02LF Datasheet HTML 1Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 2Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 3Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 4Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 5Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 6Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 7Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 8Page - Integrated Device Technology 813252CKI-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IDT/ ICSVCXO JITTER ATTENUATOR/MULTIPLIER
3
CS813252CKI-02 REV. A OCTOBER 22, 2008
ICS813252I-02
VCXO JITTER ATTENUATOR & FEMTOCLOCK™ MULTIPLIER
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
2
,
10
F
L
,
1
F
L
g
o
l
a
n
A
t
u
p
t
u
O
/
t
u
p
n
I
.
s
n
i
p
e
d
o
n
n
o
i
t
c
e
n
n
o
c
r
e
t
li
f
p
o
o
L
.
t
u
p
n
i
e
h
t
s
i
1
F
L
.
t
u
p
t
u
o
e
h
t
s
i
0
F
L
3T
E
S
I
g
o
l
a
n
A
t
u
p
t
u
O
/
t
u
p
n
I
.
n
i
p
g
n
i
t
t
e
s
t
n
e
r
r
u
c
p
m
u
p
e
g
r
a
h
C
4
2
,
8
1
,
8
,
4V
E
E
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
5L
E
S
_
K
L
Ct
u
p
n
In
w
o
d
ll
u
P
.
1
K
L
C
n
/
1
K
L
C
s
t
c
e
l
e
s
H
G
I
H
n
e
h
W
.
t
c
e
l
e
s
k
c
o
l
c
t
u
p
n
I
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
0
K
L
C
n
/
0
K
L
C
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
7
2
,
2
1
,
6V
C
C
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
r
e
w
o
p
e
r
o
C
7D
E
V
R
E
S
E
Rd
e
v
r
e
s
e
R.
t
c
e
n
n
o
c
t
o
n
o
D
.
n
i
p
d
e
v
r
e
s
e
R
,
9
,
0
1
1
1
,
2
_
L
E
S
D
P
,
1
_
L
E
S
D
P
0
_
L
E
S
D
P
t
u
p
n
Ip
u
ll
u
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
n
i
p
t
c
e
l
e
s
r
e
d
i
v
i
d
-
e
r
P
.
A
3
e
l
b
a
T
e
e
S
3
1V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
,
4
1
5
1
,
1
_
L
E
S
B
D
O
0
_
L
E
S
B
D
O
t
u
p
n
In
w
o
d
ll
u
P
.
B
3
e
l
b
a
T
e
e
S
.
t
u
p
t
u
o
B
k
n
a
B
r
o
f
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
6
1
7
1
,
1
_
L
E
S
A
D
O
0
_
L
E
S
A
D
O
t
u
p
n
In
w
o
d
ll
u
P
.
B
3
e
l
b
a
T
e
e
S
.
t
u
p
t
u
o
A
k
n
a
B
r
o
f
s
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
2
,
9
1A
Q
n
,
A
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
l
a
i
t
n
e
r
e
f
f
i
D
1
2V
O
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
r
e
w
o
p
t
u
p
t
u
O
3
2
,
2
2B
Q
n
,
B
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
l
a
i
t
n
e
r
e
f
f
i
D
5
21
K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
e
g
a
t
l
o
v
s
a
i
b
2
/
6
21
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
8
20
K
L
C
nt
u
p
n
I
/
p
u
ll
u
P
n
w
o
d
ll
u
P
V
.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
I
C
C
.
g
n
i
t
a
o
l
f
t
f
e
l
n
e
h
w
e
g
a
t
l
o
v
s
a
i
b
2
/
9
20
K
L
Ct
u
p
n
In
w
o
d
ll
u
P.
t
u
p
n
i
k
c
o
l
c
l
a
i
t
n
e
r
e
f
f
i
d
g
n
i
t
r
e
v
n
i
-
n
o
N
,
0
3
1
3
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
2
3V
X
C
C
r
e
w
o
P.
p
m
u
p
e
g
r
a
h
c
O
X
C
V
r
o
f
n
i
p
y
l
p
p
u
s
r
e
w
o
P
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r


Similar Part No. - 813252CKI-02LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
813252CKI-02LF RENESAS-813252CKI-02LF Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
813252CKI-02LFT RENESAS-813252CKI-02LFT Datasheet
677Kb / 23P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results

Similar Description - 813252CKI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS813322-02 IDT-ICS813322-02 Datasheet
446Kb / 20P
   VCXO JITTER ATTENUATOR & FEMTOCLOCK??MULTIPLIER
813N252I-09 IDT-813N252I-09_15 Datasheet
698Kb / 23P
   VCXO Jitter Attenuator & FemtoClock Multiplier
ICS810252BI-03 IDT-ICS810252BI-03 Datasheet
217Kb / 24P
   VCXO Jitter Attenuator and FemtoClock??Multiplier
logo
Renesas Technology Corp
810252DI-02 RENESAS-810252DI-02 Datasheet
344Kb / 21P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
11/18/14
813N252I-09 RENESAS-813N252I-09 Datasheet
895Kb / 24P
   VCXO Jitter Attenuator & FemtoClock® Multiplier
December 10, 2015
813N252I-04 RENESAS-813N252I-04 Datasheet
727Kb / 27P
   VCXO Jitter Attenuator & FemtoClock® NG Multiplier
December 11, 2015
ICS810252BI-03 RENESAS-ICS810252BI-03 Datasheet
902Kb / 25P
   VCXO Jitter Attenuator and FemtoClock™ Multiplier
2019
logo
Integrated Device Techn...
IDT8V89308I IDT-IDT8V89308I Datasheet
462Kb / 23P
   Jitter Attenuator & FemtoClock Multiplier
ICS813N252I-02 IDT-ICS813N252I-02 Datasheet
336Kb / 24P
   Jitter Attenuator & FemtoClock NG짰 Multiplier
logo
Renesas Technology Corp
IDT8V89308I RENESAS-IDT8V89308I Datasheet
815Kb / 24P
   Jitter Attenuator & FemtoClock® Multiplier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com