Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2305M-1LF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 2305M-1LF
Description  3.3 VOLT ZERO DELAY LOW SKEW BUFFER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

2305M-1LF Datasheet(HTML) 2 Page - Integrated Device Technology

  2305M-1LF Datasheet HTML 1Page - Integrated Device Technology 2305M-1LF Datasheet HTML 2Page - Integrated Device Technology 2305M-1LF Datasheet HTML 3Page - Integrated Device Technology 2305M-1LF Datasheet HTML 4Page - Integrated Device Technology 2305M-1LF Datasheet HTML 5Page - Integrated Device Technology 2305M-1LF Datasheet HTML 6Page - Integrated Device Technology 2305M-1LF Datasheet HTML 7Page - Integrated Device Technology 2305M-1LF Datasheet HTML 8Page - Integrated Device Technology 2305M-1LF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICS2305
3.3 VOLT ZERO DELAY LOW SKEW BUFFER
ZERO DELAY BUFFER
IDT™ / ICS™ 3.3 VOLT ZERO DELAY LOW SKEW BUFFER
2
ICS2305
REV E 081709
Pin Assignment
Pin Descriptions
1
2
CLKIN
CLKOUT
3
CLK2
4
CLK1
CLK4
GND
VDD
CLK3
8
7
6
5
8pin ( 150mil ) SOIC
Pin
Number
Pin
Name
Pin Type
Pin Description
1
CLKIN
Input
Clock input (5 V tolerant).
2
CLK2
Output
Buffered Clock output 2.
3
CLK1
Power
Buffered Clock output 1
4
GND
Power
Connect to ground.
5
CLK3
Output
Buffered Clock output 3
6
VDD
Power
Power supply. Connect to 3.3 V.
7
CLK4
Output
Buffered Clock output 4.
8
CLKOUT
Output
Buffered output. Internall feedback on this pin.


Similar Part No. - 2305M-1LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
2305M-1LF IDT-2305M-1LF Datasheet
198Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
2305M-1LFT IDT-2305M-1LFT Datasheet
198Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
More results

Similar Description - 2305M-1LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS2305 IDT-ICS2305_10 Datasheet
198Kb / 9P
   3.3 VOLT ZERO DELAY LOW SKEW BUFFER
logo
Integrated Circuit Syst...
ICS2309 ICST-ICS2309 Datasheet
195Kb / 9P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MK2308-1 ICST-MK2308-1 Datasheet
143Kb / 6P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
   3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
MK2308-1H RENESAS-MK2308-1H Datasheet
354Kb / 9P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS2305 ICST-ICS2305 Datasheet
161Kb / 8P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
   3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
   Zero Delay, Low Skew Buffer
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
   Low Skew Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com