Part Name
         Description
810252BYI-03LF

 VCXO Jitter Attenuator and FemtoClock™ Multiplier ( 24 Page)


IDT
100% 
Zoom Out Zoom In
 
 20 page
background image
ICS810252BYI-03 REVISION A AUGUST 20, 2009
20
©2009 Integrated Device Technology, Inc.
ICS810252BI-03 Data Sheet
VCXO JITTER ATTENUATOR & FEMTOCLOCK™ MULTIPLIER
-HD VERSION
EXPOSED PAD DOWN
PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD TQFP, E-PAD
TABLE 9A. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-026
N
O
I
T
A
I
R
A
V
C
E
D
E
J
S
R
E
T
E
M
I
L
L
I
M
N
I
S
N
O
I
S
N
E
M
I
D
L
L
A
L
O
B
M
Y
S
D
H
-
A
B
A
M
U
M
I
N
I
ML
A
N
I
M
O
NM
U
M
I
X
A
M
N
2
3
A
-
--
-0
2
.
1
1
A
5
0
.
00
1
.
05
1
.
0
2
A
5
9
.
00
.
15
0
.
1
b
0
3
.
05
3
.
00
4
.
0
c
9
0
.
0-
-0
2
.
0
E
,
D
C
I
S
A
B
0
0
.
9
1
E
,
1
D
C
I
S
A
B
0
0
.
7
2
E
,
2
D
.
f
e
R
0
6
.
5
e
C
I
S
A
B
0
8
.
0
L
5
4
.
05
7
.
0
θθθθθ
0
°
-
-
7
°
c
c
c
-
--
-0
1
.
0
3
D
&
3
D
0
.
35
.
30
.
4



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl