Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS813078I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS813078I
Description  FEMTOCLOCKS??VCXO-PLL FREQUENCY GENERATOR FOR WIRELESS INFRASTRUCTURE EQUIPMENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS813078I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS813078I Datasheet HTML 1Page - Integrated Device Technology ICS813078I Datasheet HTML 2Page - Integrated Device Technology ICS813078I Datasheet HTML 3Page - Integrated Device Technology ICS813078I Datasheet HTML 4Page - Integrated Device Technology ICS813078I Datasheet HTML 5Page - Integrated Device Technology ICS813078I Datasheet HTML 6Page - Integrated Device Technology ICS813078I Datasheet HTML 7Page - Integrated Device Technology ICS813078I Datasheet HTML 8Page - Integrated Device Technology ICS813078I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ICS813078I
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
FEMTOCLOCKS™ VCXO-PLL FREQUENCY GENERATOR
4
ICS813078BYI REV. A OCTOBER 6, 2008
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
DEVICE CONFIGURATION
The ICS813078I is a two stage device, a VCXO-PLL stage
followed by a low phase noise FemtoClock PLL multiplier stage.
The VCXO-PLL stage uses a pullable crystal to lock to the
reference clock. The low phase noise FemtoClock multiplies the
VCXO-PLL output clock up to 491.52MHz or 614.4MHz and three
independent output dividers scale the frequency down to the
desired output frequencies. With a given input and VCXO
frequency, the output frequency is a function of the P, MF, MV and
the NA, NB and NC dividers. The P and MV are controlled by the
R[2:0] control pins through the internal lookup table (LUT).
The VCXO-PLL pre-divider (P) down-scales the input reference
frequency fREF and enables the use of the ICS813078I at a variety
of input frequencies. P and MV must be set to match the VCXO
frequency: fREF ÷ P = fVCXO ÷ MV. For example, at the nominal
VCXO frequency of 30.72MHz and if MV equals one, the input
frequency must be an integer multiple of 30.72MHz (for MV = 2, the
input frequency must be an integer multiple of 15.36MHz). The
FemtoClock PLL stage multiplies the VCXO frequency (30.72MHz)
to 614.4MHz or 491.52MHz by a multiplier MF of 20 or 16. The
output frequency equals [(fREF ÷ P) * MV * MF] ÷ NA, NB, or NC.
The NA, NB and NC dividers operate independently.
Table 3A. Input Frequency Configuration Example
Table (fVCXO = 30.72MHz)
51, 53, 55, 57
QC3, QC2,
QC1, QC0
Output
Single-ended Bank C outputs. LVCMOS/LVTTL interface levels.
52, 56
VCCO_CMOS
Power
Output supply pins for LVCMOS outputs.
59
LOCK
Output
VCXO lock state. LVCMOS/LVTTL interface levels. See Table 3M.
60
MF
Input
Pulldown
FemtoClock-PLL feedback divider selection. See Table 3E.
LVCMOS/LVTTL interface levels.
62, 63
XTAL_OUT,
XTAL_IN
Input
Internal VCXO crystal oscillator interface.
XTAL_IN is the input. XTAL_OUT is the output.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation
Capacitance (per output)
VCC = VCCO_CMOS = 3.465V
10
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
ROUT
Output Impedance
QC[3:0]
15
Number
Name
Type
Description
fref
(MHz)
Input
Internal Dividers
fXTAL
(MHz)
R[2:0]
P
MV
30.72
000
1
1
30.72
61.44
001
2
1
30.72
122.88
010
4
1
30.72
15.36
011
1
2
30.72
10
100
125
384
30.72
12.8
101
5
12
30.72
15
110
125
256
30.72
20
111
125
192
30.72


Similar Part No. - ICS813078I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
More results

Similar Description - ICS813078I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS813078I RENESAS-ICS813078I Datasheet
773Kb / 27P
   Femtoclocks™ VCXO-PLL Frequency Generator for Wireless Infrastructure Equipment
July 29, 2016
logo
Integrated Circuit Syst...
ICS810001-21 ICST-ICS810001-21 Datasheet
243Kb / 21P
   FEMTOCLOCKS-TM DUAL VCXO VIDEO PLL
logo
Renesas Technology Corp
813076I RENESAS-813076I Datasheet
558Kb / 24P
   Frequency Generator/Jitter Attenuation Device For Wireless Infrastructure Applications
7/29/16
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
   FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
FS6209 ETC-FS6209 Datasheet
113Kb / 6P
   DUAL PLL VCXO CLOCK GENERATOR IC
logo
Renesas Technology Corp
ICS843002I-72 RENESAS-ICS843002I-72 Datasheet
452Kb / 19P
   FEMTOCLOCKS™ VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
NOVEMBER 21, 2007
logo
Motorola, Inc
MC12439 MOTOROLA-MC12439 Datasheet
135Kb / 11P
   HIGH FREQUENCY PLL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com