Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

810525AGILF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 810525AGILF
Description  VCXO-TO-LVCMOS/LVTTL OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

810525AGILF Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 810525AGILF Datasheet HTML 4Page - Integrated Device Technology 810525AGILF Datasheet HTML 5Page - Integrated Device Technology 810525AGILF Datasheet HTML 6Page - Integrated Device Technology 810525AGILF Datasheet HTML 7Page - Integrated Device Technology 810525AGILF Datasheet HTML 8Page - Integrated Device Technology 810525AGILF Datasheet HTML 9Page - Integrated Device Technology 810525AGILF Datasheet HTML 10Page - Integrated Device Technology 810525AGILF Datasheet HTML 11Page - Integrated Device Technology 810525AGILF Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IDT/ ICSVCXO-TO-LVCMOS/LVTTL OUTPUT
9
ICS810525AGI REV. B FEBRUARY 24, 2009
ICS810525I
VCXO-TO-LVCMOS/LVTTL OUTPUT
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS810525I is: 635
TABLE 5.
θ
JA
VS
. AIR FLOW TABLE FOR 16 LEAD TSSOP
θθθθθ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
92.4°C/W
88.0°C/W
85.9°C/W
PACKAGE OUTLINE - G SUFFIX FOR 16 LEAD TSSOP
TABLE 6. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MO-153
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
m
u
m
i
n
i
Mm
u
m
i
x
a
M
N6
1
A-
-0
2
.
1
1
A5
0
.
05
1
.
0
2
A0
8
.
05
0
.
1
b9
1
.
00
3
.
0
c9
0
.
00
2
.
0
D0
9
.
40
1
.
5
EC
I
S
A
B
0
4
.
6
1
E0
3
.
40
5
.
4
eC
I
S
A
B
5
6
.
0
L5
4
.
05
7
.
0
α
°
8
a
a
a-
-0
1
.
0
PACKAGE OUTLINE & PACKAGE DIMENSIONS


Similar Part No. - 810525AGILF

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8105 FILTRAN-8105 Datasheet
84Kb / 1P
   T1/CEPT ISDN PRI Transformers
logo
Winchester Electronics ...
8105 WINCHESTER-8105 Datasheet
393Kb / 1P
   MARC REMOVABLE
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
365Kb / 2P
   Low Capacitance for EIA RS-232 and EIA RS-422 Applications
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
logo
Belden Inc.
8105 BELDEN-8105 Datasheet
201Kb / 2P
   RS-232/422 Low Cap, #24-5pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
More results

Similar Description - 810525AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8101925 IDT-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
logo
Renesas Technology Corp
8101925 RENESAS-8101925 Datasheet
196Kb / 11P
   VCXO-to-LVCMOS/ LVTTL Output
November 7, 2016
logo
Integrated Device Techn...
ICS810001-21 IDT-ICS810001-21 Datasheet
798Kb / 19P
   FemtoClock Dual VCXO Video PLL One LVCMOS/LVTTL clock output
logo
Maxim Integrated Produc...
MAX9160 MAXIM-MAX9160 Datasheet
348Kb / 13P
   LVDS or LVTTL/LVCMOS Input to 14 LVTTL/LVCMOS Output Clock Driver
19-2392; Rev 0; 4/02
logo
Integrated Device Techn...
ICS81006I IDT-ICS81006I Datasheet
678Kb / 14P
   VCXO-TO-LVCMOS OUTPUTS
83026I IDT-83026I Datasheet
311Kb / 12P
   Differential-to-LVCMOS/LVTTL Fanout
logo
Integrated Circuit Syst...
ICS85222-01 ICST-ICS85222-01 Datasheet
154Kb / 13P
   DUAL LVCMOS / LVTTL-TO DIFFERENTIAL
logo
Integrated Device Techn...
830S21I-01 IDT-830S21I-01 Datasheet
355Kb / 12P
   Differential-to-LVCMOS/LVTTL Translator
ICS840022I-02 IDT-ICS840022I-02 Datasheet
375Kb / 14P
   FemtoClock Crystal-to-LVCMOS/LVTTL
85222 IDT-85222 Datasheet
152Kb / 13P
   Dual LVCMOS / LVTTL-TO-Differential
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com