Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87973DYI-147LF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 87973DYI-147LF
Description  LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87973DYI-147LF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 87973DYI-147LF Datasheet HTML 4Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 5Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 6Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 7Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 8Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 9Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 10Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 11Page - Integrated Device Technology 87973DYI-147LF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ICS87973I-147
LOW SKEW, 1-TO-12, LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
IDT™ / ICS™ LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
8
ICS87973DYI-147 REV. A DECEMBER 9, 2008
Table 5. Input Frequency Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: Input frequency depends on the feedback divide ratio to ensure "clock * feedback divide" is in the VCO range of 240MHz to
500MHz.
AC Electrical Characteristics
Table 6. AC Characteristics, VDD = VDDA = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the
device is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after
thermal equilibrium has been reached under these conditions.
NOTE 1: Defined as the time difference between the input reference clock and the average feedback input signal when the PLL is locked
and the input reference frequency is stable.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: These parameters are guaranteed by characterization. Not tested in production.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
FIN
Input Frequency
CLK0, CLK1; NOTE 1
120
MHz
FRZ_CLK
20
MHz
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
÷2
150
MHz
÷4
125
MHz
÷6
83.33
MHz
÷8
62.5
MHz
t(Ø)
Static Phase Offset;
NOTE 1
CLK0
QFB ÷ 8,
In Frequency = 50MHz
-10
145
300
ps
CLK1
-65
90
245
ps
CLK, nCLK
-130
18
165
ps
tsk(o)
Output Skew; NOTE 2, 3
200
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 3
All Banks ÷ 4
55
ps
fVCO
PLL VCO Lock Range
240
500
MHz
tLOCK
PLL Lock Time; NOTE 4
10
ms
tR / tF
Output Rise/Fall Time
0.8V to 2V
150
700
ps
odc
Output Duty Cycle
45
55
%
tPZL, tPZH
Output Enable Time; NOTE 4
10
ns
tPLZL, tPHZ Output Disable Time; NOTE 4
8ns


Similar Part No. - 87973DYI-147LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87973DYI-147LF IDT-87973DYI-147LF Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LF RENESAS-87973DYI-147LF Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
logo
Integrated Device Techn...
87973DYI-147LFT IDT-87973DYI-147LFT Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87973DYI-147LFT RENESAS-87973DYI-147LFT Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
More results

Similar Description - 87973DYI-147LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87973 RENESAS-87973 Datasheet
432Kb / 18P
   Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
logo
Integrated Device Techn...
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
   LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Integrated Device Techn...
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
   LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
   Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87972I RENESAS-87972I Datasheet
384Kb / 18P
   Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
logo
Integrated Circuit Syst...
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
logo
Renesas Technology Corp
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
   LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com