Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS854S204AGILF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS854S204AGILF
Description  LOW SKEW, DUAL, PROGRAMMABLE 1-TO-2 DIFFERENTIALTO-LVDS, LVPECL FANOUT BUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S204AGILF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS854S204AGILF Datasheet HTML 7Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 8Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 9Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 10Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 11Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 12Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 13Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 14Page - Integrated Device Technology ICS854S204AGILF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IDT/ ICSLVDS, LVPECL FANOUT BUFFER
11
ICS854S204BGI REV. A JUNE 4, 2008
ICS854S204I
LOW SKEW, DUAL, 1-TO-2 DIFFERENTIAL-TO-LVDS, LVPECL FANOUT BUFFER
LVPECL CLOCK INPUT INTERFACE
The PCLK /nPCLK accepts LVPECL, LVDS, CML, SSTL and
other differential signals. Both V
SWING and VOH must meet the VPP
and V
CMR input
requirements.
Figures 2A to 2F show interface
examples for the HiPerClockS PCLK/nPCLK input driven by
the most common driver types. The input interfaces suggested
here are examples only. If the driver is from another vendor,
use their termination recommendation. Please consult with the
vendor of the driver component to confirm the driver termination
requirements.
FIGURE 2A. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A CML DRIVER
FIGURE 2B. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A BUILT-IN PULLUP CML DRIVER
FIGURE 2C. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A 3.3V LVPECL DRIVER
FIGURE 2F. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A 3.3V LVDS DRIVER
PCLK/nPCLK
2.5V
Zo = 60 Ohm
SSTL
HiPerClockS
PCLK
nPCLK
R2
120
3.3V
R3
120
Zo = 60 Ohm
R1
120
R4
120
2.5V
FIGURE 2E. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY AN SSTL DRIVER
HiPerClockS
PCLK
nPCLK
PCLK/nPCLK
3.3V
R2
50
R1
50
3.3V
Zo = 50 Ohm
CML
3.3V
Zo = 50 Ohm
3.3V
HiPerClockS
PCLK
nPCLK
R2
84
R3
125
Input
Zo = 50 Ohm
R4
125
R1
84
LVPECL
3.3V
3.3V
Zo = 50 Ohm
3.3V
R5
100 - 200
3.3V
3.3V
HiPerClockS
PCLK
nPCLK
R1
125
PCLK/nPCLK
R2
125
R3
84
C1
C2
Zo = 50 Ohm
R4
84
Zo = 50 Ohm
R6
100 - 200
3.3V LVPECL
FIGURE 2D. HIPERCLOCKS PCLK/nPCLK INPUT DRIVEN
BY A 3.3V LVPECL DRIVER WITH AC COUPLE
3.3V
3.3V
CML Built-In Pullup
R1
100
PCLK
nPCLK
HiPerClockS
PCLK/nPCLK
Zo = 50 Ohm
Zo = 50 Ohm


Similar Part No. - ICS854S204AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
More results

Similar Description - ICS854S204AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S204I IDT-ICS854S204I_11 Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S204I RENESAS-ICS854S204I Datasheet
1Mb / 23P
   Low Skew, Dual, Programmable 1-to-2 Differential-to-LVDS, LVPECL Fanout Buffer
2011
83948I-147 RENESAS-83948I-147 Datasheet
557Kb / 18P
   Low Skew, 1-to-1 Differentialto- LVCMOS/ LVTTL Fanout Buffer
March 30, 2016
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
ICS8344-01 IDT-ICS8344-01 Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-24 DIFFERENTIALTO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
85411 RENESAS-85411 Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
   Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
   Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C485311 PERICOM-PI6C485311_06 Datasheet
370Kb / 6P
   3.3V Low Skew 1-to-2 Differential to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com