Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB2525 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PMB2525
Description  The Industry?셲 Highest Performance GPS Receiver in the smallest package yet.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB2525 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PMB2525 Datasheet HTML 1Page - Infineon Technologies AG PMB2525 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Industry’s Highest Performance GPS Receiver in the smallest package yet.
H a m m e r h e a d I I delivers all the performance of its predecessor, while
achieving a new benchmark for high performance Positioning & Navigation integration
into mobile devices.
U s I N g c H I P scale packaging (csP) technology, its size (3.59 x 3.75 mm2) now
offers possibilities of integration into the miniaturizing world of mobile handhelds.
H a m m e r h e a d I I integrates a high performance A-gPs baseband processor
and a low-noise gPs RF front end. It comes packed with new software features such
as advanced multi-path mitigation that avoid large errors in urban environments
caused by reflected signal-in buildings and other structures.
Key Features and Benefits
single-chip minimizing board space (
< 50 mm2 PcB area for complete A-gPs solution)
Advanced low-power 0.13 µ RFcMOs technology with smart power management
Real-time hardware correlator engine (fast acquisition and high sensitivity)
High sensitivity, -160 dBm, enabling indoor and deep urban operation
Built-in voltage regulators supporting single-power supply source
Multiple-mode operation
Ms-based (calculation of position in mobile handset)
Ms-assisted (calculation of position in base station)
Autonomous (no assistance by network)
Enhanced autonomous (using four day assistance data)
Multiple protocol operation
control plane (RRLP & RRc)
User plane (sUPL)
A-gPs control software enables non disrupting call flow and ease integration
standard compliant (exceeds requirements for 2.5 g and 3 g networks)
Specification
-160 dBm sensitivity
Time-to-First Fix (Mobile-Based)
1 second @ 5 m accuracy
(cold start, -130 dBm)
2 m steady state accuracy
Reference frequencies: 10 – 40 MHz
Assistance data standards support
UMTs/gsM: 3gPP Ts 25.331, Ts 44.031,
and OMA sUPL
cDMA: 3gPP2 c.s0022-0-1
Devices
Mobile phones
smartphones
PDAs
PND (Personal Navigation Devices)
Applications
Emergency Assistance (E911, E112)
Navigation: Point-to-Point, POI, Business
finder, Real-time Traffic information
child safety and Friend-finder
Fleet and workforce management
Location games
Product Brief
HammerheadTM II
PMB 2525
w w w . i n f i n e o n . c o m / g p s
w w w . g l o b a l l o c a t e . c o m
Communication Solutions
Note: The Hammerhead trade mark is owned by global Locate, Inc


Similar Part No. - PMB2525

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2100 INFINEON-PMB2100 Datasheet
583Kb / 20P
   GSM LO1 VCO
V 1.1, 2001-07-30
PMB2110 INFINEON-PMB2110 Datasheet
594Kb / 20P
   GSM DUALBAND TX VCO
V 1.1, 2001-07-30
logo
Siemens Semiconductor G...
PMB2200 SIEMENS-PMB2200 Datasheet
79Kb / 3P
   integrated modulator-mixer for transmit path
PMB2201 SIEMENS-PMB2201 Datasheet
339Kb / 31P
   Mixer DC - 2.5GHz and Vector Modulator 0.8 - 1.5GHz
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
More results

Similar Description - PMB2525

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GXB1000 ETC-GXB1000 Datasheet
185Kb / 2P
   Industry?셲 Smallest GPS Receiver Module
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
TACK225M00 AVX-TACK225M00 Datasheet
129Kb / 6P
   The world?셲 smallest surface mount tantalum capacitor
logo
Anaren Microwave
A1101R04C-EZ4X ANAREN-A1101R04C-EZ4X_0 Datasheet
1,006Kb / 2P
   The A1101R04C-EZ4x is a target board assembly with the Anaren A1101R04C radio module in the industry?셲 smallest package (9 x 12 x 2.5mm) mounted on it.
logo
Agilent(Hewlett-Packard...
L4411A HP-L4411A Datasheet
249Kb / 7P
   Leading the Industry in High-Performance System Test
logo
List of Unclassifed Man...
AOC-STG-B4S ETC2-AOC-STG-B4S Datasheet
388Kb / 1P
   The Lowest Power and Highest Performance 4-port 10GbE Controller in The Market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com