Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS854S013BGLF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS854S013BGLF
Description  LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S013BGLF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS854S013BGLF Datasheet HTML 2Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 3Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 4Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 5Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 6Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 7Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 8Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 9Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ICS854S013
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
IDT™ / ICS™ LVDS FANOUT BUFFER
6
ICS854S013BG REV. A FEBRUARY 26, 2008
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Bank Skew
Propagation Delay
Differential Input Level
Output Skew
Output Duty Cycle/Pulse Width/Period
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+–
Float GND
VDD
tsk(b)
QXx
nQXx
QXx
nQXx
Where X = A or B
t
PD
nQAx,
nQBx
QAx, QBx
PCLKA,
PCLKB
nPCLKA,
nPCLKB
VDD
nPCLKA,
PCLKA,
GND
V
CMR
Cross Points
V
PP
nPCLKB
PCLKB
tsk(o)
Qx
nQx
Qy
nQy
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
QAx, QBx
nQAx, nQBx


Similar Part No. - ICS854S013BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
More results

Similar Description - ICS854S013BGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854S036 RENESAS-ICS854S036 Datasheet
1Mb / 17P
   Low Skew, Dual, Differential-to-LVDS Fanout Buffer
NOVEMBER 16, 2009
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
854S006 IDT-854S006 Datasheet
691Kb / 17P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com